Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 38Page - Advanced Micro Devices AM7968 Datasheet HTML 39Page - Advanced Micro Devices AM7968 Datasheet HTML 40Page - Advanced Micro Devices AM7968 Datasheet HTML 41Page - Advanced Micro Devices AM7968 Datasheet HTML 42Page - Advanced Micro Devices AM7968 Datasheet HTML 43Page - Advanced Micro Devices AM7968 Datasheet HTML 44Page - Advanced Micro Devices AM7968 Datasheet HTML 45Page - Advanced Micro Devices AM7968 Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 127 page
background image
AMD
38
Am7968/Am7969
1
2 VCC
Notes:*
1. For conditions shown as Min or Max use the appropriate value specified under operating range.
2. The clock fall to serial output delay is typically 3 bit times.
4. Not more than one output should be shorted at a time. Duration of the short circuit test should not exceed one second.
5. If the CNB
↑ to CLK↑ setup time is violated, IGM will stay LOW.
6. Voltage applied to either SERIN
± pins must not be above VCC nor below +2.5 V to assure proper operation.
7. t4 guarantees that data is latched. ACK (t11) timing may not be valid.
8. If t11 is not met, ACK response and timing are not guaranteed, but data will still be latched on STRB
↑ (see t4).
9. Measured with device in Test mode while monitoring output logic states.
10. For the TAXI Transmitter, “n” is determined by the following table:
11. t6 (Internal Byte Boundary to CLK
↓) is created by the variation of internal STRB propagation delays relative to internal byte
boundaries over temperatures and VCC. The internal byte boundary determines the byte in which data will come out
(SEROUT
±). If STRB occurs before the byte boundary, then the data will be sent out two bytes later. If STRB occurs after the
byte boundary, then the output data will be delayed by one additional byte.
12. X1 Pulse Width is measured at a point where CLK output equals t2 or t3.
13. For the TAXI Transmitter, ‘Data’ is either DI0 – DI7, DI8/CI3, DI9/CI2, CI0 – CI1. For the TAXI Receiver, ‘STRB’ is either
CSTRB or DSTRB and ‘Data’ is either DO0 – DO7, DO8/CO3, DO9/CO2, CO0 – CO1.
14. For the TAXI Receiver, ‘n’ is determined by the state of the DMS and SERIN–
inputs. When SERIN– is held below VTHT max or left open, n=1. When SERIN– is held above 0.25 V and when:
1
2
GND
Open
or
OPEN
OPEN
OPEN
n = 1;
8 Bit
Test Mode 2
n = 10;
8 Bit
Local/Test Mode 1
n = 1;
9 Bit
Test Mode 2
n = 11;
9 Bit
Local/Test Mode 1
n = 1;
10 Bit
Test Mode 2
n = 12;
10 Bit
Local/Test Mode 1
DMS
TLS
“n”
GND
Open
or
> 2.5 V
n = 1;
8 Bit
Test Mode
n = 10;
8 Bit
Local Mode
n = 1;
9 Bit
Test Mode
n = 11;
9 Bit
Local Mode
n = 1;
10 Bit
Test Mode
n = 12;
10 Bit
Local Mode
DMS
SERIN–
“n”
> 2.5 V
> 2.5 V
< VTHTMAX or OPEN
< VTHTMAX or OPEN
< VTHTMAX or OPEN
GND/VCC
GND/VCC
GND/VCC
VCC
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com