Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 14Page - Advanced Micro Devices AM7968 Datasheet HTML 15Page - Advanced Micro Devices AM7968 Datasheet HTML 16Page - Advanced Micro Devices AM7968 Datasheet HTML 17Page - Advanced Micro Devices AM7968 Datasheet HTML 18Page - Advanced Micro Devices AM7968 Datasheet HTML 19Page - Advanced Micro Devices AM7968 Datasheet HTML 20Page - Advanced Micro Devices AM7968 Datasheet HTML 21Page - Advanced Micro Devices AM7968 Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 127 page
background image
AMD
14
Am7968/Am7969
Table 1. TAXIchip Encoder Patterns
4-Bit
5-Bit
5-Bit
6-Bit
HEX
Binary
Encoded
HEX
Binary
Encoded
Data
Data
Symbol
Data
Data*
Symbol
0
0000
11110
00
00000
110110
1
0001
01001
01
00001
010001
2
0010
10100
02
00010
100100
3
0011
10101
03
00011
100101
4
0100
01010
04
00100
010010
5
0101
01011
05
00101
010011
6
0110
01110
06
00110
010110
7
0111
01111
07
00111
010111
8
1000
10010
08
01000
100010
9
1001
10011
09
01001
110001
A
1010
10110
0A
01010
110111
B
1011
10111
0B
01011
100111
C
1100
11010
0C
01100
110010
D
1101
11011
0D
01101
110011
E
1110
11100
0E
01110
110100
F
1111
11101
0F
01111
110101
10
10000
111110
11
10001
011001
12
10010
101001
13
10011
101101
14
10100
011010
15
10101
011011
16
10110
011110
17
10111
011111
18
11000
101010
19
11001
101011
1A
11010
101110
1B
11011
101111
1C
11100
111010
1D
11101
111011
1E
11110
111100
1F
11111
111101
* Note:
HEX data is parallel input data which is represented by the 4- or 5-bit binary data listed in the column to the immediate right
of HEX data. Binary bits are listed from left to right in the following order.
8-Bit Mode:
D7, D6, D5, D4, (4-Bit Binary), and D3, D2, D1, D0, (4-Bit Binary)
9-Bit Mode:
D8, D7, D6, D5, D4, (5-Bit Binary), and D3, D2, D1, D0, (4-Bit Binary)
10-Bit Mode: D8, D7, D6, D5, D4, (5-Bit Binary), and D9,D3, D2, D1, D0, (5-Bit Binary)
Serial bits are shifted out with the most significant bit of the most significant nibble coming out first.
4B/5B Encoder Scheme
5B/6B Encoder Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com