Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 99 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 99 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 95Page - Advanced Micro Devices AM7968 Datasheet HTML 96Page - Advanced Micro Devices AM7968 Datasheet HTML 97Page - Advanced Micro Devices AM7968 Datasheet HTML 98Page - Advanced Micro Devices AM7968 Datasheet HTML 99Page - Advanced Micro Devices AM7968 Datasheet HTML 100Page - Advanced Micro Devices AM7968 Datasheet HTML 101Page - Advanced Micro Devices AM7968 Datasheet HTML 102Page - Advanced Micro Devices AM7968 Datasheet HTML 103Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 127 page
background image
95
TAXIchip Integrated Circuits Technical Manual
TAXI TIPs
TAXI Technical Information Publication #89-01
Subject: Receiver Response to Loss of Input Signal
Question:
It is desired that the TAXI Receiver outputs be predictable and stable during conditions
when the TAXI Transmitter may cease transmitting (power-off) or is disconnected. How
can a system designer predict the TAXI Receiver outputs or use the TAXI Receiver in a
system where the TAXI Receiver must appear
Inactive under these conditions? This
applies to both Coaxial and Fiber-Optic Systems.
Answer:
The key to this problem is interpreting the loss of incoming Tx data as a Quiet-Line-
State and either flagging the system accordingly or gating the TAXI Receiver outputs
with an
inactive flag.
In a Coaxial coupled system the loss of incoming signal drive will cause the TAXI
Receiver inputs to rest at the input termination bias voltages. The differential serial
inputs will normally be at equal potential. To properly interpret a loss of signal as a
constant
quiet state the input termination bias voltages must be altered slightly from
each other. To allow reliable interpretation of the offset as a constant logic state, the
offset voltage should typically be set to about 50 mV.
The TAXI Receiver will interpret the
Quiet-Line-State differently depending upon the
operation mode (8-bit, 9-bit, or 10-bit). In 8-bit mode the Receiver will generate continu-
ous CSTRB’s with the Command outputs at F Hex, or all HIGH. In the 9-bit and 10-bit
modes there is no defined interpretation of an incoming quiet data stream. This will
cause the TAXI Receiver to generate continuous CSTRB’s and the Violation output will
be continuously HIGH. A one-shot may be used to determine Violation=HIGH duration
and then generate an
inactive flag, or the system may interpret the Violation output
directly as an
inactive or invalid condition flag and halt data-dependent system opera-
tions during any byte with Violation=HIGH.
In a Fiber-Optic coupled system two methods may be used, depending on the Optical
Receiver construction. If the Optical Receiver has a
Carrier-Detect output this signal
may be used to flag an inactive state. If there is no
Carrier-Detect, one may be gener-
ated using an ECL one shot arrangement which will detect loss of edges after a
predetermined period of say, for example, 80 bit times. The actual time may vary
depending on the desired response to loss of data.
In either condition, if the Receiver recovered Byte Clock (CLK) is used as a system
clock, then the system must be able to tolerate a shift in the CLK frequency of typically
about +/-3% to allow for Rx-PLL offset and drift during this period. (If the Optical
Receiver begins oscillation when the fiber is dark, the TAXI Receiver PLL may attempt
to track the oscillation resulting in an indeterminate Rx recovered clock frequency.
Optical Receiver dark response thus becomes a possible system concern.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com