Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 103 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 103 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 99Page - Advanced Micro Devices AM7968 Datasheet HTML 100Page - Advanced Micro Devices AM7968 Datasheet HTML 101Page - Advanced Micro Devices AM7968 Datasheet HTML 102Page - Advanced Micro Devices AM7968 Datasheet HTML 103Page - Advanced Micro Devices AM7968 Datasheet HTML 104Page - Advanced Micro Devices AM7968 Datasheet HTML 105Page - Advanced Micro Devices AM7968 Datasheet HTML 106Page - Advanced Micro Devices AM7968 Datasheet HTML 107Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 127 page
background image
AMD
99
TAXIchip Integrated Circuits Technical Manual
TAXI Technical Information Publication #89-05
Subject: TAXIchip Set Crystal Specification
Question:
What are the design considerations for crystals used with TAXIchip set?
Answer:
The TAXIchip’s parallel mode oscillator uses a 4.0 MHz – 17.5 MHz crystal with a
frequency tolerance of 0.1%.
Any crystal will oscillate in either series or parallel mode depending upon the type of
oscillator used. By specifying parallel mode and the load, the manufacturer will calibrate
the crystal in parallel mode at the desired frequency. This could be important in
applications where frequency tolerance is critical due to the fact that the resonant
frequency in parallel mode is typically 0.02% above the series mode frequency.
As discussed in section 3.3, the time required to synchronize the data recovery circuit in
the Receiver is proportional to the delta between the Transmitter frequency and the
Receiver PLL resting frequency. The Receiver resting frequency is typically less than
±1% away from its own crystal frequency, due to mismatch between internal circuits.
The crystal specification of 0.1% is meant to be small enough to cause a negligible
effect on lock time while not increasing the crystal cost (0.025% crystals are quite
common). Sometimes tighter frequency and tolerance specifications may be necessary
to meet the user’s system requirements (i.e. FIFO depth, etc.).
More information on crystal specifications for the TAXIchip set may be found in
Section 4.1.1.
A partial list of vendors follows:
Typical 12.5 MHz
Distributor
Part Number
Phone Number
I.E.A.
HC18U 12.500
(408) 435-1000
Calmax Corp.
UM-12.5
(714) 957-1299
Monitor Products
MM 49XlE12A-12.5
(619) 433-4510
Anderson Electronics
011-668-03260
(814) 695-4428
Target Electronics
CC025A-12.5
(408) 733-0384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com