Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 70Page - Advanced Micro Devices AM7968 Datasheet HTML 71Page - Advanced Micro Devices AM7968 Datasheet HTML 72Page - Advanced Micro Devices AM7968 Datasheet HTML 73Page - Advanced Micro Devices AM7968 Datasheet HTML 74Page - Advanced Micro Devices AM7968 Datasheet HTML 75Page - Advanced Micro Devices AM7968 Datasheet HTML 76Page - Advanced Micro Devices AM7968 Datasheet HTML 77Page - Advanced Micro Devices AM7968 Datasheet HTML 78Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 127 page
background image
AMD
70
TAXIchip Integrated Circuits Technical Manual
Sample Values
Using RG-58A/U, 50
Ω coaxial cable, a successful TAXI link was established using the
following component values:
R1 = 68
Ω
R2 = 200
Ω
RE = 300
Ω
C
= 0.1
µF
5.7 Interfacing to Twisted-Pair Cable
Another low cost alternative twisted pair cable. Twisted pair cable is generally more
lossy than coaxial cable making it suitable only for short distances. To reduce the
possibility of noise being induced along the line, the shielded twisted-pair cable is
recommended.
Using the TAXlchip set with shielded-twisted-pair as the serial medium is very similar to
using it with coaxial cable. The recommended configuration is shown in Figure 5-11,
where each of the components that make up the interface serve the same purpose as in
the AC-coupled TAXl-fiber optic interface shown in Figure 5-9.
Note that with shielded-twisted-pair, only one cable is required to form the link. The
twisted-pair conductors carry the differential pseudo-ECL signals and the shield is
grounded at the Receiver.
Figure 5-11
Shielded-Twisted Pair Cable Interface
12330E-18
R1
RE
L, Z0
C
C
C
RE
+5 V
R2
R1
+
–
+
–
+5 V
R2
R1R2
R1+ R2
= Z0/2
5R2
R1+ R2
= 3.7 V
=
Midpoint of Pseudo
ECL Signal Swing
186
≤ RE ≤ 7.2 (Z0)
C = Largest RF Capacitor Available
TAXI
TX
TAXI
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com