Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 69 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 69 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 65Page - Advanced Micro Devices AM7968 Datasheet HTML 66Page - Advanced Micro Devices AM7968 Datasheet HTML 67Page - Advanced Micro Devices AM7968 Datasheet HTML 68Page - Advanced Micro Devices AM7968 Datasheet HTML 69Page - Advanced Micro Devices AM7968 Datasheet HTML 70Page - Advanced Micro Devices AM7968 Datasheet HTML 71Page - Advanced Micro Devices AM7968 Datasheet HTML 72Page - Advanced Micro Devices AM7968 Datasheet HTML 73Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 127 page
background image
AMD
65
TAXIchip Integrated Circuits Technical Manual
as baseline wander effect and is illustrated in Figure 5-5. In Figure 5-5a, the average DC
fluctuates between 40% and 60% of the maximum level (+10% of midpoint). After the
signal is capacitively coupled (Figure 5-5b), the average DC component is lost due to
high-pass filtering, causing an undesired shift in the signal levels. This shift in the signal
levels, coupled with non-zero rise and fall times of the serial stream cause pulse width
distortion and thus apparent jitter and possible increased error rates.
This DC shifting effect can be minimized if the values of the AC coupling components
are chosen appropriately. The DC level of the data will fluctuate at a data-dependent
frequency, fb, called the baseline wander frequency. The 3 dB corner frequency of the
AC coupling, f3dB=1/(2
πRC), should be chosen below the minimum baseline wander
frequency of the data. This allows most DC variations to pass through the AC coupling
high-pass filtering, minimizing the DC shift in the signal.
To minimize f3dB we must maximize R and C. The resistance R is generally determined
either by the termination required by the transmission line or by biasing requirements on
both sides of the link. Hence, only the coupling capacitor C can be maximized to keep
f3dB as low as possible. The largest value capacitor that can be used is limited by the fact
that it must be an RF capacitor. RF capacitors are generally of the ceramic type (NPO
and X7R dielectrics) and are limited to a maximum value of approximately 1.0
µF.
0.1
µF capacitors have proven to be sufficient in laboratory tests of TAXIchip set
systems.
For a 0.1
µF capacitor, we must verify that the capacitive reactance at the lowest
fundamental frequency possible is less than 1
Ω. The lowest fundamental frequency
possible is the frequency that results when the TAXIchip set is running at it’s lowest
BAUD rate (40 Mbaud) and the command or data pattern with the least number of
transitions is being sent. This pattern turns out to be the HQ command (FDDI terminol-
ogy) which has only 1 transition per command, or 1 transition per 10 bits when the
command is encoded. If a continuous stream of HQ commands are sent at 40 Mbaud,
the resultant fundamental frequency of the signal is 2 MHz. At 2 MHz, the capacitive
reactance of a 0.1
µF capacitor is calculated as follows:
XC =
=
2
πfC
2
π (2*106) (0.1*10-6)
11
0.8
Ω
=
Hence, in the worst case a 0.1
µF capacitor will give a reactance of less than 1 Ω, as
desired.
In summary, the largest value RF capacitor available should be used to optimize the
performance of the TAXlchip link.
Figure 5-5
Baseline Wander
12330E-12
Average DC Level Varies
with Data Pattern
a) Data Before AC Coupling
Varying DC is Filtered Out
Causing an Undesired DC
Shift in the Data
b) Data After AC Coupling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com