Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 13Page - Advanced Micro Devices AM7968 Datasheet HTML 14Page - Advanced Micro Devices AM7968 Datasheet HTML 15Page - Advanced Micro Devices AM7968 Datasheet HTML 16Page - Advanced Micro Devices AM7968 Datasheet HTML 17Page - Advanced Micro Devices AM7968 Datasheet HTML 18Page - Advanced Micro Devices AM7968 Datasheet HTML 19Page - Advanced Micro Devices AM7968 Datasheet HTML 20Page - Advanced Micro Devices AM7968 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 127 page
background image
AMD
13
Am7968/Am7969
Oscillator
The Am7968 and Am7969 contain an inverting amplifier
intended to form the basis of a parallel mode oscillator.
The design of this oscillator considered several factors
related to its application.
The first consideration is the desired frequency accu-
racy. This may be subdivided into several areas. An os-
cillator is considered stable if it is insensitive to
variations in temperature and supply voltage, and if it is
unaffected by individual component changes and aging.
The design of the TAXIchip set is such that the degree to
which these goals are met is determined primarily by the
choice of external components. Various types of crystal
are available and the manufacturers’ literature should
be consulted to determine the appropriate type. For
good temperature stability, zero temperature coefficient
capacitors should be used (Type NPO).
The mechanism by which a crystal resonates is electro-
mechanical. This resonance occurs at a fundamental
frequency (1st harmonic) and at all odd harmonics of
this frequency (even harmonic resonance is not me-
chanically possible). Unless otherwise constrained,
crystal
oscillators
operate
at
their
fundamental
frequencies.
A typical crystal specification for use in this circuit is:
Fundamental Frequency 3.3 MHz–17.5 MHz
± 0.1%
Resonance: Mode
Parallel
Load Capacitor (Correlation)
30 pF
Operating Temperature Range
0
°C to 70°C
Temperature Stability
±100 ppm
Drive Level (Correlation)
2 mW
Effective Series Resistance
25
Ω (max)
Holder Type
Low profile
Aging for 10 years
±10 ppm
It is good practice to ground the case of the crystal to
eliminate stray pick-up and keep all connections as
short as possible.
RESET
Am7968 or, Am7969
X1
X2
C
C
Power On RESET (Optional)
C* = 220 pF for 4.0–12.5 MHz crystal, 150 pF for a 12.5–17.5 MHz Crystal.
*C determined by crystal specifications and trace capacities. Values shown are typical.
07370F-10
Figure 1. Connections for 4.0 MHz–17.5 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com