Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 64 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 64 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 60Page - Advanced Micro Devices AM7968 Datasheet HTML 61Page - Advanced Micro Devices AM7968 Datasheet HTML 62Page - Advanced Micro Devices AM7968 Datasheet HTML 63Page - Advanced Micro Devices AM7968 Datasheet HTML 64Page - Advanced Micro Devices AM7968 Datasheet HTML 65Page - Advanced Micro Devices AM7968 Datasheet HTML 66Page - Advanced Micro Devices AM7968 Datasheet HTML 67Page - Advanced Micro Devices AM7968 Datasheet HTML 68Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 127 page
background image
AMD
60
TAXIchip Integrated Circuits Technical Manual
4.1.1 Local Mode Transmitters
In Local mode, X1 and X2 are the crystal oscillator inputs. The external component
connections are shown in Figure 4-1. Zero temperature coefficient capacitors (type
NPO) should be used for good temperature stability.
Typical Crystal Specification
Fundamental Frequency
4.0 MHz –17.5 MHz +0.1%
Resonant Mode
Parallel
Load Capacitor (Correlation)
30 pF
Operating Temperature Range
0
°C to 70°C
Temperature Stability
±1.00 ppm
Drive Level (Correlation)
2 mW
Effective Series Resistance
25
Ω (max)
Holder Type
Low Profile
Aging for 10 Years
±10 ppm
Figure 4-1
TAXlchip Crystal Connection
RESET
Am7968 or, Am7969
X1
X2
C
C
C = 150 pF for a 12.5 – 17.5 MHz Crystal, 220 pF for a 4 MHz–12.5 MHz Crystal
12330E-5
The Transmitter may also be run in local mode by applying a TTL frequency source to
X1 and grounding X2. The TTL source may be either from a crystal oscillator module, or
from a neighboring TAXI Transmitter CLK output. In local mode, CLK is the buffered
output of the internal crystal oscillator. Connecting the CLK output of a TAXI Receiver
directly to the X1 input of a TAXI Transmitter is not recommended, because the
Transmitter’s clock stability and jitter requirements are not satisfied by the Receiver CLK
output.
4.2 TAXI Receiver Clock Connections
The considerations and connections for the TAXI Receiver are similar to those for the
TAXI Transmitter. The Receiver X1 and X2 inputs connect to an on-chip oscillator,
whose frequency is determined by a parallel resonant crystal, or is driven by an external
TTL frequency source. The oscillator provides the reference, which sets the expected
center frequency for the data synchronizing PLL. The synchronizing PLL tracks the
incoming data and generates a bit clock from the serial data stream. All of the internal
TAXI Receiver logic, including the logic that generates the CLK output, runs on this bit
rate clock. This recovered clock is as stable as possible in both frequency and phase, as
it tracks the incoming data stream. In addition to the bit synchronization accomplished
by the PLL, the logic will maintain byte synchronization (framing) with the incoming data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com