Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 16Page - Advanced Micro Devices AM7968 Datasheet HTML 17Page - Advanced Micro Devices AM7968 Datasheet HTML 18Page - Advanced Micro Devices AM7968 Datasheet HTML 19Page - Advanced Micro Devices AM7968 Datasheet HTML 20Page - Advanced Micro Devices AM7968 Datasheet HTML 21Page - Advanced Micro Devices AM7968 Datasheet HTML 22Page - Advanced Micro Devices AM7968 Datasheet HTML 23Page - Advanced Micro Devices AM7968 Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 127 page
background image
AMD
16
Am7968/Am7969
Am7968 Transmitter Functional Block
Description
(Refer to page 1)
Crystal Oscillator/Clock Generator
The serial link speed is derived from a master frequency
source (byte rate). This source can either be the built-in
Crystal Oscillator, or a clock signal applied through the
X
1 pin. This signal is buffered and sent to the CLK out-
put when Am7968 Transmitter is in Local mode.
CLK (input is multiplied by ten (8-bit mode), eleven (9-bit
mode), or twelve (10-bit mode), using the internal PLL to
create the bit rate.
The working frequency can be varied between 3.3 MHz
and 17.5 MHz. The crystal frequency required to
achieve the maximum 175 Mbaud on the serial link, and
the resultant usable data transfer rate will be:
Crystal
Am7968-125 Input and Am7969-125
Internal
Mode
Frequency
Maximum Parallel Throughput
Divide Ratio
8-Bit
12.50 MHz
80 ns/pattern (100 Mbit/sec)
125/10
9-Bit
11.36 MHz
88 ns/pattern (102 Mbit/sec)
125/11
10-Bit
10.42 MHz
96 ns/pattern (104 Mbit/sec)
125/12
Crystal
Am7968-175 Input and Am7969-175
Internal
Mode
Frequency
Maximum Parallel Throughput
Divide Ratio
8-Bit
17.50 MHz
57.1 ns/pattern (140 Mbit/sec)
175/10
9-Bit
15.90 MHz
62.8 ns/pattern (143 Mbit/sec)
175/11
10-Bit
14.58 MHz
68.5 ns/pattern (145 Mbit/sec)
175/12
Input Latch
The Am7968’s Input Latch accommodates asynchro-
nous strobing of Data and Command by being divided
into two stages.
If
STRB is asserted when both stages are empty, Data
or Command bits are transferred directly to the second
stage of the Input Latch and
ACK rises shortly after
STRB. This pattern is now ready to move to the Encoder
Latch at the next falling edge of
CLK.
An input pattern is strobed into the first stage of the Input
Latch only when the second stage is BUSY (contains
previously stored data). The Transmitter will be BUSY
when
STRB is asserted a second time in a given CLK
cycle. Contents of the first stage are not protected from
subsequent
STRBs within the same CLK cycle. At the
falling edge of
CLK, previously stored data is transferred
from the second stage to the Encoder Latch and the new
data is clocked into the second stage of the Input Latch.
If in Local mode,
ACK will rise at this time.
Encoder Latch
Input to the Encoder Latch is clocked by an internal sig-
nal which is synchronous with the shifted byte being
sent on the serial link. Whenever a new input pattern is
strobed into the Input Latch, the data is transferred to the
Encoder Latch at the next opportunity.
Data Encoder
Encodes twelve data inputs (8, 9, 10 Data bits or 4, 3, 2
Command inputs) into 10, 11, or 12 bits. The Command
data inputs control the transmitted symbol. If all Com-
mand inputs are LOW, the symbol for the Data bits will
be sent. If Command inputs have any other pattern then
the symbol representing that Command will be
transmitted.
Shifter
The Shifter is parallel-loaded from the Encoder at the
first available byte boundary, and then shifted until the
next byte boundary. The Shifter is being serially loaded
at all times. As data is being shifted out of the Transmit-
ter, the shifter fills from the LSB. If parallel data is avail-
able at the end of the byte, it is parallel-loaded into the
Shifter and begins shifting out during the next clock cy-
cle. Otherwise, the serially loaded data fills the next
byte. The serial data which loads into the Shifter is gen-
erated by an internal state machine which generates a
repeating Sync pattern.
Media Interface
The Media Interface is differential ECL, referenced to
+5 V. It is capable of driving lines terminated with 50
Ω to
(VCC - 2.0) volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com