Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 4Page - Advanced Micro Devices AM7968 Datasheet HTML 5Page - Advanced Micro Devices AM7968 Datasheet HTML 6Page - Advanced Micro Devices AM7968 Datasheet HTML 7Page - Advanced Micro Devices AM7968 Datasheet HTML 8Page - Advanced Micro Devices AM7968 Datasheet HTML 9Page - Advanced Micro Devices AM7968 Datasheet HTML 10Page - Advanced Micro Devices AM7968 Datasheet HTML 11Page - Advanced Micro Devices AM7968 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 127 page
background image
AMD
4
Am7968/Am7969
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The ordering number (Valid Combination) is
formed by a combination of:
AM7968
DC
TEMPERATURE RANGE
C = Commerical (0
°C to +70°C)
PACKAGE TYPE
D = 28-Pin Ceramic DIP (CD 028)
J
= 28-Pin Plastic Leaded Chip
Carrier (PL 028)
SPEED OPTION
-125
= Max Serial Encoded
Transmission Rate is 125 MHz
-175
= Max Serial Encoded
Transmission Rate is 175 MHz
DEVICE NUMBER/DESCRIPTION
Am7968 TAXIchip Transmitter
Am7969 TAXIchip Receiver
Valid Combinations
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the local
AMD sales office to confirm availability of specific
valid combinations and to check on newly released
combinations.
Valid Combinations
AM7969
AM7968-125
AM7969-125
AM7968-175
AM7969-175
DC, JC
–125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com