Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 9Page - Advanced Micro Devices AM7968 Datasheet HTML 10Page - Advanced Micro Devices AM7968 Datasheet HTML 11Page - Advanced Micro Devices AM7968 Datasheet HTML 12Page - Advanced Micro Devices AM7968 Datasheet HTML 13Page - Advanced Micro Devices AM7968 Datasheet HTML 14Page - Advanced Micro Devices AM7968 Datasheet HTML 15Page - Advanced Micro Devices AM7968 Datasheet HTML 16Page - Advanced Micro Devices AM7968 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 127 page
background image
AMD
9
Am7968/Am7969
swings, which are referenced to +5.0 V. When
SERIN–
is grounded, the Am7969 is put into Test Mode;
SERIN+
becomes a single-ended ECL input, the PLL clock gen-
erator is bypassed, and
X1 determines the bit rate
(rather than the byte rate). Both pins have internal pull
down resistors which cause unterminated inputs to
stay low.
VCC1, VCC2
Power Supply
VCC1 and VCC2 are +5.0 volt nominal power supply pins.
VCC1 powers TTL I/O, and VCC2 powers internal Logic
and Analog circuitry.
VLTN
Violation (TTL Output)
The rising edge of this output indicates that a transmis-
sion error has been detected. It changes state at the
same time
DOi or COi change and will be followed by
either
DSTRB or CSTRB. This pin goes LOW when the
next valid byte is decoded.
X1, X2
Crystal Oscillator Inputs (Inputs)
These two crystal input pins connect to an internal paral-
lel/mode oscillator which oscillates at the fundamental
frequency external crystal. During normal operation, the
byte rate is set by the crystal frequency. Alternatively,
X1 can be driven by an external frequency source. In
multiple TAXI systems, this external source could be a
TAXI Transmitter’s
CLK output or an external TTL fre-
quency source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com