Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 68Page - Advanced Micro Devices AM7968 Datasheet HTML 69Page - Advanced Micro Devices AM7968 Datasheet HTML 70Page - Advanced Micro Devices AM7968 Datasheet HTML 71Page - Advanced Micro Devices AM7968 Datasheet HTML 72Page - Advanced Micro Devices AM7968 Datasheet HTML 73Page - Advanced Micro Devices AM7968 Datasheet HTML 74Page - Advanced Micro Devices AM7968 Datasheet HTML 75Page - Advanced Micro Devices AM7968 Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 127 page
background image
AMD
68
TAXIchip Integrated Circuits Technical Manual
5.5.2 AC-Coupled TAXl-Fiber Optic Transceiver Interface
Some applications will require the TAXIchip set to optical transceiver interconnection to
be AC-coupled. AC coupling should be used in the following situations: a) when the
TAXIchip set and optical components are driven by a common power supply but the
supply pins are decoupled using the scheme recommended in Chapter 6, and b) when
the TAXIchip set and optical components operate on different power supplies.
AC coupling via capacitors along with the necessary design equations is shown in
Figure 5-9. In this configuration, RE is the ECL output pull-down resistor, C provides the
AC coupling, the connection is made with a transmission line (coax, twisted pair,
microstrip) of length L and characteristic impedance, Z0, and R1 and R2 provide a
matched line termination and voltage bias to the midpoint of the optical component’s
logic swing (Vbb).
The configuration shown in Figure 5-9 is recommended for any line length, L, which
separates the TAXIchip set and the optical module. Although the matched line termina-
tion is not necessary for L<3
″, the Vbb bias voltage is always needed for AC-coupled
links. Therefore, even for line lengths where matched line terminations are not neces-
sary (less than 3
″), the resistors R1 and R2 can be chosen to give a matched load
without any added complexity.
Figure 5-9
AC-Coupled TAXl-Fiber Optical Interface
12330E-16
TAXI
TX
+
–
ODL
TX
+
–
R2
R2
L, Z0
+5 V
R1
R1
C
C
VEE
Vbb
RE
RE
VCC
TAXI
RX
+
–
ODL
RX
+
–
RE
RE
L, Z0
+5 V
C
C
VEE
R4
R4
VCC
R3
R3
R1R2
R1+ R2
= Z0
5R4
R3+ R4
= 3.7 V
R3R4
R3+ R4
=
=
Midpoint of Pseudo-
ECL Signal Swing
Vbb =
Midpoint of ODL
Signal Swing
=
VIH + VIL
2
= VEE +
(VCC – VEE) R2
R1 + R2
186 < RE < 7.2 (Z0)
C = Largest RF Capacitor Available
Optical Fiber
5.6 Interfacing to Coaxial Cable
In many applications, system cost can be reduced by using coaxial cable as the serial
media. Unlike optical fiber, which requires optical components between the fiber and the
TAXIchip set, coaxial cable can be connected directly to the TAXI SEROUT pins, giving
lower system costs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com