Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 78Page - Advanced Micro Devices AM7968 Datasheet HTML 79Page - Advanced Micro Devices AM7968 Datasheet HTML 80Page - Advanced Micro Devices AM7968 Datasheet HTML 81Page - Advanced Micro Devices AM7968 Datasheet HTML 82Page - Advanced Micro Devices AM7968 Datasheet HTML 83Page - Advanced Micro Devices AM7968 Datasheet HTML 84Page - Advanced Micro Devices AM7968 Datasheet HTML 85Page - Advanced Micro Devices AM7968 Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 127 page
background image
AMD
78
TAXIchip Integrated Circuits Technical Manual
X1 is connected to a common Crystal Oscillator or a TTL Clock Source. It is not
recommended that X1 be connected to another Receiver’s CLK output.
X2 is grounded.
The DMS pins of all TAXls must be tied in the same state as the DMS pins on the
Transmitters.
The CSTRB/DSTRB pins on each of the Receivers are all active simultaneously. A
timing description for CSTRB and DSTRB is included in Appendix C, TAXI TIP #89-10
TAXI receiver CSTRB and DSTRB pulse width.
The VLTN pin has timing that is identical to the timing of the Data Out and the Com-
mand Out lines. Its connections are specific to each user’s applications.
If CNB is HIGH, the Receiver will catch the next valid byte of data and hold it. It will not
attempt to catch any more data until it sees a Sync command from the Transmitter or
until its CNB goes LOW and then HIGH again.
Figure 7-3
Receivers in Cascade Mode
CSTRB CMD DATA DSTRB VLTN
CNB
DMS
CLK
X2
X1
IGM
VCC
SERIN+
SERIN–
SERIN+
SERIN–
CSTRB CMD DATA DSTRB VLTN
CNB
DMS
X2
X1
IGM
CSTRB CMD DATA DSTRB VLTN
CNB
DMS
X2
X1
IGM
N/C
SERIN–
SERIN+
RX1
RX2
RX3
Am7969
Am7969
Am7969
PRIMARY RX
12.5 MHz
Crystal
OSC
D23-D16
D15-D8
D7-D0
*Transmission line terminations not shown.
12330E-25
The following section describes the functionality of individual pins:
The DSTRB Pin
Any one of the DSTRBs may be used as the user’s DSTRB to his system. When an
entire word has been received (signified internally by a Sync from the Transmitter) the
data in the Receivers are latched out to the output ports and all the DSTRBs are raised
(simultaneously) one cycle later. Likewise, if Commands are sent as part of the cascade
word, the CSTRB/DSTRB connections must be made appropriately.
Timing description for receivers in cascade mode is included in Figure 7-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com