Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 92 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 92 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 88Page - Advanced Micro Devices AM7968 Datasheet HTML 89Page - Advanced Micro Devices AM7968 Datasheet HTML 90Page - Advanced Micro Devices AM7968 Datasheet HTML 91Page - Advanced Micro Devices AM7968 Datasheet HTML 92Page - Advanced Micro Devices AM7968 Datasheet HTML 93Page - Advanced Micro Devices AM7968 Datasheet HTML 94Page - Advanced Micro Devices AM7968 Datasheet HTML 95Page - Advanced Micro Devices AM7968 Datasheet HTML 96Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 127 page
background image
AMD
88
TAXIchip Integrated Circuits Technical Manual
This serves to flush all extraneous data from the buffers and reset all internal state
machines. Once this is completed the Transmitter may be Strobed. X1 should be left in
the LOW state upon completion of the initialization.
The STRB input must now be strobed only once every n = 10 bitclk pulses or more. This
will allow time for an 8 bit wide byte to be encoded to 10 bits and shifted out one bit
every clock pulse.
The parallel data input pins are provided with new data every 10 bitclk pulses. Setup
and hold times remain the same as in non-Test Mode with respect to STRB. (In the
non-Test modes, the clock rate is the byte rate and a new data word and a strobe is
provided every clock pulse. In test mode, the clock rate is the bit rate so the new data
word and strobe are provided every
n clock pulses).
In Test Mode the Receiver expects only single ended data. Thus only one of the
SEROUT lines from the Transmitter is used. However, both lines must have pulldown
resistors to electrically balance the outputs.
Figure 8-1
Transmitter Test Mode Connections
ACK
STROBE
Data IN
8, 9, 10
Command IN
4, 3, 2
SEROUT+
SEROUT–
X1
X2
RESET
CLK
CLS
DMS
300
Ω
N/C = Test Mode
Bit Rate
Clock
Generator
Divide By n
or Byte Rate
Clock
Am7968
N/C
TLS
300
Ω
Media Interface
Can Be Set
for 8, 9, or
10-Bit Mode
To Receiver
12330E-35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com