Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 5Page - Advanced Micro Devices AM7968 Datasheet HTML 6Page - Advanced Micro Devices AM7968 Datasheet HTML 7Page - Advanced Micro Devices AM7968 Datasheet HTML 8Page - Advanced Micro Devices AM7968 Datasheet HTML 9Page - Advanced Micro Devices AM7968 Datasheet HTML 10Page - Advanced Micro Devices AM7968 Datasheet HTML 11Page - Advanced Micro Devices AM7968 Datasheet HTML 12Page - Advanced Micro Devices AM7968 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 127 page
background image
AMD
5
Am7968/Am7969
MILITARY ORDERING INFORMATION
CPL Products
Pkg
Temps (TC)
VCC
CPL Part Number
SMD Part Number
APL Part Number
LCC
–30
°C to 125°C
4.5 V to 5.5 V
AM7968-125/LKC
LCC
–55
°C to 125°C 4.75 V to 5.5 V
5962-9052701M3A
AM7968-125V/B3A
DIP
–30
°C to 125°C
4.5 V to 5.5 V
AM7968-125/DKC
DIP
–55
°C to 125°C 4.75 V to 5.5 V
5962-9052701MXA
AM7968-125V/BXA
LCC
–30
°C to 125°C
4.5 V to 5.5 V
AM7969-125/LKC
LCC
–55
°C to 125°C 4.75 V to 5.5 V
5962-9052801M3A
AM7969-125V/B3A
DIP
–30
°C to 125°C
4.5 V to 5.5 V
AM7969-125/DKC
DIP
–55
°C to 125°C 4.75 V to 5.5 V
5962-9052801MXA
AM7969-125V/BXA
AMD products for Aerospace and Defense applications are available in several packages and operating ranges. CPL (Controlled
Products List) products are compliant with MIL-STD-883C requirements with exceptions for VCC or operating temperature. The
order number (Valid Combination) is formed by a combination of:
TEMPERATURE RANGE
K = –30
°C to 125°C
M = –55
°C to 125°C
PACKAGE TYPE
D = 28-Pin Ceramic DIP (CD 028)
L = 28-Pin Ceramic Leadless Chip
Carrier (CL 028)
DEVICE NUMBER/DESCRIPTION
Am7968 – TAXIchip Transmitter (Local Mode only)
Am7969 – TAXIchip Receiver (Local Mode only)
AM7968
AM7969
/L
K
Valid Combinations
Valid Combinations list configurations planned to be
supported in volume for this device. Consult the local
AMD sales office to confirm availability of specific
valid combinations and to check on newly released
combinations.
C = Controlled Product List
C
Group A Tests
Group A tests consist of Subgroups
1, 2, 3, 7, 8, 9, 10, 11.
-125
SPEED OPTION
-125
= Max Serial Encoded Transmission
Rate is 125 MHz
Valid Combinations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com