Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 70 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 70 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 66Page - Advanced Micro Devices AM7968 Datasheet HTML 67Page - Advanced Micro Devices AM7968 Datasheet HTML 68Page - Advanced Micro Devices AM7968 Datasheet HTML 69Page - Advanced Micro Devices AM7968 Datasheet HTML 70Page - Advanced Micro Devices AM7968 Datasheet HTML 71Page - Advanced Micro Devices AM7968 Datasheet HTML 72Page - Advanced Micro Devices AM7968 Datasheet HTML 73Page - Advanced Micro Devices AM7968 Datasheet HTML 74Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 127 page
background image
AMD
66
TAXIchip Integrated Circuits Technical Manual
5.5 Interfacing to Fiber Optic Transmitters/Receivers
The TAXlchip set can be used in conjunction with optical components and optical fiber
to form a simple fiber optic communication link. Optical transmission has many advan-
tages over conventional electrical transmission. These include: immunity to EMI/RFI,
low attenuation, electrical isolation, data security, and wide bandwidth. Because of these
features, use of optical fiber as the serial media will result in optimum performance of
the TAXIchip set link. Depending on the type of fiber and the optical components used,
TAXI links using optical fiber can cover distances of up to several kilometers.
Figure 5-6 shows a block diagram of a complete TAXI fiber optic link. The optical
components transmitters and receivers can be obtained from one of the sources listed in
Appendix A of this manual. The interface between the TAXlchips and the optical
components will be the subject of this section.
Figure 5-6
TAXl-Based Fiber Optic Link
Optical
Detector:
PIN or
Avalanche
Photodiode
12330E-13
Optical
Source:
LED or
Laser Diode
Source
Driver
Electronics
8,
9,
10
4,
3,
2
Fiber Optic Transmitter
Am7968
Transmitter
Fiber
Optic
Cable
Receiver
Electronics
Fiber Optic Receiver
8,
9,
10
4,
3,
2
Am7969
Receiver
TAXI /Optical
Interface
Data
Command
Optical
Connectors
Transceiver
Data
Command
5.5.1 DC-Coupled TAXl-Fiber Optic Transceiver Interface
When passing data between the TAXIchip set and an optical module, care must be
taken to assure that the logic levels of the TAXIchip set and the optical components are
matched. If the supply voltages of the optical components do not match those of the
TAXIchip set, then the logic levels will probably differ and the interface will require AC
coupling to isolate these different levels. However, if the power supply requirements
match those of the TAXIchip set (i.e. VCC = +5 V, VEE = GND) and if the two components
are connected to the same power and ground planes, a DC coupled interconnection
may be sufficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com