Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 63Page - Advanced Micro Devices AM7968 Datasheet HTML 64Page - Advanced Micro Devices AM7968 Datasheet HTML 65Page - Advanced Micro Devices AM7968 Datasheet HTML 66Page - Advanced Micro Devices AM7968 Datasheet HTML 67Page - Advanced Micro Devices AM7968 Datasheet HTML 68Page - Advanced Micro Devices AM7968 Datasheet HTML 69Page - Advanced Micro Devices AM7968 Datasheet HTML 70Page - Advanced Micro Devices AM7968 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 127 page
background image
AMD
63
TAXIchip Integrated Circuits Technical Manual
level of the optical components must match those of the TAXIchip set in order for the DC
connection to work. If the supply voltage or the logic levels are incompatible, an AC
connection must be used.
5.2 Terminated, DC Coupled
The parallel termination shown in Figure 5-2 may be used for a DC connection of a TAXI
Transmitter to a TAXI Receiver. The parallel termination provides both the line termina-
tion (R1llR2 = Z0 = line characteristic impedance) and a pull-down voltage. The Thevenin
′
equivalent of this termination is Z0 pulled down to VCC–2 V, assuring both matched
termination and adequate VOL. Using VCC and a voltage divider provides pull-down
voltage without the need for a separate power supply.
Figure 5-2
Parallel Termination
R2
12330E-9
VCC
R1
R2 (R1 + R2) VCC = VCC – 2 V
R1 | / R2 = Z0
Thevenin
Equivalent
R2
VCC
R1
SERIN
TAXI RX
SEROUT
TAXI TX
Pseudo-ECL
Driver
Copper Media
Z0
′
5.3 Terminated, AC Coupled
AC coupling is the connection of choice for many TAXIchip set applications. The typical
arrangement for an AC coupled link is shown in Figure 5-3. RE is returned to ground to
provide the PECL (pseudo-ECL) pull-down for the driver. The capacitor C blocks the DC
voltage, and R1 and R2 terminate the transmission line and provide a DC bias level for
the Receiver. Since only AC variations are passed through the coupling capacitor, the
bias level at the termination should be set to the midpoint of the signal swing expected
by the Receiver input stage. Note that this bias level is not the same as that which is
recommended for the DC coupled case.
The minimum value of RE was previously established as 186
Ω, to avoid exceeding
IOH max. The maximum value of RE must be small enough to supply the transmission
line with enough current to avoid cutting off the output driver. When switching from a
HIGH to the LOW state, the transmission line may cause the emitter voltage of the driver
to fall more slowly than the base voltage, causing the output transistor to turn off. When
the output transistor turns off, its output impedance becomes very high, causing the
falling edge rate to be controlled by the external load (RE and the transmission line).
This variation in edge rate cannot be tolerated until the falling edge crosses the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com