Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 34 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 34 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 30Page - Advanced Micro Devices AM7968 Datasheet HTML 31Page - Advanced Micro Devices AM7968 Datasheet HTML 32Page - Advanced Micro Devices AM7968 Datasheet HTML 33Page - Advanced Micro Devices AM7968 Datasheet HTML 34Page - Advanced Micro Devices AM7968 Datasheet HTML 35Page - Advanced Micro Devices AM7968 Datasheet HTML 36Page - Advanced Micro Devices AM7968 Datasheet HTML 37Page - Advanced Micro Devices AM7968 Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 127 page
background image
AMD
30
Am7968/Am7969-175
SWITCHING CHARACTERISTICS (Note 20)
Am7968-175 TAXIchip Transmitter (Notes 10, 13, 22)
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Units
Bus Interface Signals: DI0–DI7, DI8/CI3, DI9/CI2, CI0–CI1, STRB, ACK, CLK
1tP
CLK Period
5.7 n
8 n
ns
2tPW
CLK Pulse Width HIGH
20
ns
3tPW
CLK Pulse Width LOW
20
ns
4tPW
STRB Pulse Width HIGH (Note 7)
15
ns
5tPW
STRB Pulse Width LOW
15
ns
6tBB
Internal Byte Boundary to CLK
↓
20
ns
(Note 11)
9tS
Data–STRB Setup Time
5
ns
10
tH
Data–STRB Hold Time
15
ns
11
tH
ACK
↑ to STRB↓ Hold (Note 8)
TTL Output Load
0
ns
12
tH
ACK
↓ to STRB↑ Hold
TTL Output Load
0
ns
13
tPD
STRB
↑ to ACK↑ (Note 18)
TTL Output Load
40
ns
14
tPD
STRB
↓ to ACK↓
TTL Output Load
23
ns
15
tPD
CLK
↓ to ACK↑ (Note 18)
TTL Output Load
ns
Serial Interface Signals: SEROUT+, SEROUT– (Note 2)
22
tSK
¦
SEROUT
± Skew
ECL Output Load
–200
+200
ps
23
tR
¦
SEROUT
± Output Rise Time
ECL Output Load
.45
2
ns
24
tF
¦
SEROUT
± Output Fall Time
ECL Output Load
.45
2
ns
26
tPW
¦
SEROUT
± Pulse Width LOW
ECL Output Load
ns
27
tPW
¦
SEROUT
± Pulse Width HIGH
ECL Output Load
ns
Miscellaneous Signals: X1 (Note 15)
29
tPW
X1 Pulse Width HIGH (Note 12)
TTL Output Load on CLK
24
ns
30
tPW
X1 Pulse Width LOW (Note 12)
TTL Output Load on CLK
24
ns
32
tPD
X1
↑ to CLK↑
TTL Load
32
ns
33
tPD
X1
↓ to CLK↓
TTL Load
32
ns
3t1
n + 33
t1
n – 5%
t1
n + 5%
t1
n + 5%
t1
n – 5%
–9t1
8n +9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com