Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 93 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 93 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 89Page - Advanced Micro Devices AM7968 Datasheet HTML 90Page - Advanced Micro Devices AM7968 Datasheet HTML 91Page - Advanced Micro Devices AM7968 Datasheet HTML 92Page - Advanced Micro Devices AM7968 Datasheet HTML 93Page - Advanced Micro Devices AM7968 Datasheet HTML 94Page - Advanced Micro Devices AM7968 Datasheet HTML 95Page - Advanced Micro Devices AM7968 Datasheet HTML 96Page - Advanced Micro Devices AM7968 Datasheet HTML 97Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 127 page
background image
AMD
89
TAXIchip Integrated Circuits Technical Manual
8.2 Receiver Connections
Refer to Figure 8-2.
Grounding SERIN– puts the Receiver in Test Mode. SERIN+ is a single ended 100K
ECL NRZ input.
The X1 pin now becomes the bit rate clock input (bitclk), just like the CLK pin on the
Transmitter.
The CLK pin remains a
byte rate CLK out.
8.3 Timing Relationships in Test Mode
The timing parameters in Test Mode are similar to the parameters in standard mode.
Propagation delay values remain the same, however bit time relationships are now
calculated with respect to the new bit times. For example, using a bitclk = 1.0 kHz, which
is a 1 ms period, the byte time t35 = 10 bits x 1 ms = 10 ms. In the same way t37, which is
the CLK falling to STRB rising delay is now [2 (t35/n) + 15 ns] = 2.015 ms. Note that
Setup and Hold times for SERIN to X1 are not specified and must be determined for
each application.
Figure 8-2
Receiver Test Mode Connections
DSTRB
DATA OUT
8, 9, 10
COMMAND OUT
4, 3, 2
VLTN
SERIN+
X2
RESET
CLK
DMS
Clock Recovery
Circuit
Digital or Analog
PLL
Am7969
Normal
Function
CNB
DMS Can Be
Set For 8, 9, or
10-Bit Mode
Normal
Function
X1
SERIN–
IGM
CMD STROBE
DATA STROBE
Single Ended
Input From
Transmitter
Byte Rate CLK Out
CSTRB
12330E-36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com