Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 48Page - Advanced Micro Devices AM7968 Datasheet HTML 49Page - Advanced Micro Devices AM7968 Datasheet HTML 50Page - Advanced Micro Devices AM7968 Datasheet HTML 51Page - Advanced Micro Devices AM7968 Datasheet HTML 52Page - Advanced Micro Devices AM7968 Datasheet HTML 53Page - Advanced Micro Devices AM7968 Datasheet HTML 54Page - Advanced Micro Devices AM7968 Datasheet HTML 55Page - Advanced Micro Devices AM7968 Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 127 page
background image
AMD
48
Am7968/Am7969
PHYSICAL DIMENSIONS*
CD 028
28-Pin Ceramic DIP (measured in inches)
.050
.065
.005
MIN
.100
BSC
.160
.220
.015
.022
.015
.060
1.435
1.490
.565
.605
06837D
BZ13 CD 028
1/8/91 c dc
.125
.160
.008
.012
.590
.615
0°
15°
.700
MAX
END VIEW
SIDE VIEW
TOP VIEW
1
.098
MAX
.150
MIN
PL 028
28-Pin Plastic Leaded Chip Carrier
(measured in inches)
.050
REF
.042
.048
.450
.456
.485
.495
.042
.056
.165
.180
.090
.120
.009
.015
.300
REF
.013
.021
.390
.430
.020
MIN
.025
.045
06751F
BV 8 PL 028
12/31/91 c dc
R
.026
.032
.450
.456
.485
.495
TOP VIEW
SIDE VIEW
*For reference only. All dimensions measured in inches. BSC is an ANSI standard for Basic Space Centering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com