Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7968 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM7968
Description  TAXIchip Integrated Circuits(Transparent Asynchronous Xmitter-Receiver Interface)
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7968 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM7968 Datasheet HTML 35Page - Advanced Micro Devices AM7968 Datasheet HTML 36Page - Advanced Micro Devices AM7968 Datasheet HTML 37Page - Advanced Micro Devices AM7968 Datasheet HTML 38Page - Advanced Micro Devices AM7968 Datasheet HTML 39Page - Advanced Micro Devices AM7968 Datasheet HTML 40Page - Advanced Micro Devices AM7968 Datasheet HTML 41Page - Advanced Micro Devices AM7968 Datasheet HTML 42Page - Advanced Micro Devices AM7968 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
AMD
35
Am7968/Am7969-125 Military
Am7969-125 Military TAXIchip Receiver
Parameter
Symbol
Parameter Description
Test Conditions (Note 1)
Min
Max
Unit
Bus Interface Signals: DO0–DO7, DO8/CO3, DO9/CO2, CO0–CO1, DSTRB, CSTRB, IGM, CLK, CNB, VLTN
VOH
Output HIGH Voltage
VCC = Min, IOH = –1 mA
2.4
V
VIN = 0 or 3 V
VOL
Output LOW Voltage
VCC = Min, IOL = 8 mA
0.45
V
VIN = 0 or 3 V
VIH
Input HIGH Voltage
VCC = Max (Note 9)
2.0
V
VIL
Input LOW Voltage
VCC = Max (Note 9)
0.8
V
VI
Input Clamp Voltage
VCC = Min, IIN = –18 mA
–1.5
V
IIL
Input LOW Current
VCC = Max, VIN = 0.4 V
–400
µA
IIH
Input HIGH Current
VCC = Max, VIN = 2.7 V
50
µA
II
Input Leakage Current
VCC = Max, VIN = 5.5 V
50
µA
ISC
Output Short Circuit
–15
–85
mA
Current (Note 4)
Serial Interface Signals: SERIN+, SERIN–
VIHS
Input HIGH Voltage
(Notes 9, 21)
VCC
VCC
V
SERIN+
–1.165
–0.88
VILS
Input LOW Voltage
(Notes 9, 21)
VCC
VCC
V
SERIN+
–1.81
–1.475
VTHT
Test Mode Threshold
VCC = Max
0.25
V
SERIN–
VDIF
Differential Input Voltage
0.3
1.1
V
VICM
Input Common Mode
(Note 6)
3.05
VCC
V
Voltage
–0.55
IIL
Input LOW Current
VCC = Max, VIN = VCC –1.81 V
0.5
µA
IIH
Input HIGH Current
VCC = Max,
220
µA
VIN = VCC –0.88 V
Miscellaneous Signals: X1, VCC1, VCC2
VIHX
Input HIGH Threshold X1
2.0
V
VILX
Input LOW Threshold X1
0.8
V
IILX
Input LOW Current X1
VIN = 0.45 V
–900
µA
IIHX
Input HIGH Current X1
VIN = 2.4 V
+600
µA
ICC
Supply Current
VCC1 = VCC2 = Max Pin VCC1 (TTL)
55
mA
DMS = 0 V
Pin VCC2 (CML)
335
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com