Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 33 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 33 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 29Page - Winbond W25X05CLZPIG Datasheet HTML 30Page - Winbond W25X05CLZPIG Datasheet HTML 31Page - Winbond W25X05CLZPIG Datasheet HTML 32Page - Winbond W25X05CLZPIG Datasheet HTML 33Page - Winbond W25X05CLZPIG Datasheet HTML 34Page - Winbond W25X05CLZPIG Datasheet HTML 35Page - Winbond W25X05CLZPIG Datasheet HTML 36Page - Winbond W25X05CLZPIG Datasheet HTML 37Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 33 -
Revision B
8.2.22
Read Manufacturer / Device ID Dual I/O (92h)
The Manufacturer / Device ID Dual I/O instruction is an alternative to the Read Manufacturer/Device
ID instruction that provides both the JEDEC assigned manufacturer ID and the specific device ID at 2x
speed.
The Read Manufacturer / Device ID Dual I/O instruction is similar to the Fast Read Dual I/O instruction.
The instruction is initiated by driving the /CS pin low and shifting the instruction code “92h” followed by
a 24-bit address (A23-A0) of 000000h, 8-bit Continuous Read Mode Bits, with the capability to input
the Address bits two bits per clock. After which, the Manufacturer ID for Winbond (EFh) and the
Device ID are shifted out 2 bits per clock on the falling edge of CLK with most significant bits (MSB)
first as shown in figure 28. The Device ID values for the W25X05CL/10CL/20CL are listed in
Manufacturer and Device Identification table. If the 24-bit address is initially set to 000001h the Device
ID will be read first and then followed by the Manufacturer ID. The Manufacturer and Device IDs can
be read continuously, alternating from one to the other. The instruction is completed by driving /CS
high.
Figure 23. Read Manufacturer / Device ID Dual I/O Diagram
Note:
1.
“Continuous Read Mode” bits M7-0 must be set to FXh to be compatible with Fast Read Dual I/O instruction.
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (92h)
High Impedance
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
7
5
3
1
*
*
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
6
4
2
0
23
*
*
A23-16
A15-8
A7-0 (00h)
M7-0
/CS
CLK
DI
(IO
0)
DO
(IO
1)
24
25
26
27
28
29
30
31
32
33
34
36
37
38
35
23
0
Mode 0
Mode 3
7
5
3
1
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
6
4
2
1
0
1
MFR ID
Device ID
MFR ID
(repeat)
Device ID
(repeat)
IOs switch from
Input to Output
*
*
*
*
= MSB
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com