Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 30 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 30 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 26Page - Winbond W25X05CLZPIG Datasheet HTML 27Page - Winbond W25X05CLZPIG Datasheet HTML 28Page - Winbond W25X05CLZPIG Datasheet HTML 29Page - Winbond W25X05CLZPIG Datasheet HTML 30Page - Winbond W25X05CLZPIG Datasheet HTML 31Page - Winbond W25X05CLZPIG Datasheet HTML 32Page - Winbond W25X05CLZPIG Datasheet HTML 33Page - Winbond W25X05CLZPIG Datasheet HTML 34Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 30 -
Revision B
8.2.20
Release Power-down / Device ID (ABh)
The Release from Power-down / Device ID instruction is a multi-purpose instruction. It can be used to
release the device from the power-down state, obtain the devices electronic identification (ID) number
or do both.
To release the device from the power-down state, the instruction is issued by driving the /CS pin low,
shifting the instruction code “ABh” and driving /CS high as shown in figure 20. Release from power-
down will take the time duration of tRES1 (See AC Characteristics) before the device will resume
normal operation and other instructions are accepted. The /CS pin must remain high during the t RES1
time duration.
When used only to obtain the Device ID while not in the power-down state, the instruction is initiated
by driving the /CS
pin low and shifting the instruction code “ABh” followed by 3-dummy bytes. The
Device ID bits are then shifted out on the falling edge of CLK with most significant bit (MSB) first as
shown in figure 20. The Device ID values for the W25X05CL/10CL/20CL are listed in Manufacturer
and Device Identification table. The Device ID can be read continuously. The instruction is completed
by driving /CS high.
When used to release the device from the power-down state and obtain the Device ID, the instruction
is the same as previously described, and shown in figure 21, except that after /CS is driven high it
must remain high for a time duration of tRES2 (See AC Characteristics). After this time duration the
device will resume normal operation and other instructions will be accepted.
If the Release from Power-down / Device ID instruction is issued while an Erase, Program or Write
cycle is in process (when BUSY equals 1) the instruction is ignored and will not have any effects on
the current cycle
Figure 20. Release Power-down Instruction Sequence
/CS
CLK
DI
(IO
0)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (ABh)
Mode 0
Mode 3
tRES1
Power-down current
Stand-by current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com