Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 27 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 27 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 23Page - Winbond W25X05CLZPIG Datasheet HTML 24Page - Winbond W25X05CLZPIG Datasheet HTML 25Page - Winbond W25X05CLZPIG Datasheet HTML 26Page - Winbond W25X05CLZPIG Datasheet HTML 27Page - Winbond W25X05CLZPIG Datasheet HTML 28Page - Winbond W25X05CLZPIG Datasheet HTML 29Page - Winbond W25X05CLZPIG Datasheet HTML 30Page - Winbond W25X05CLZPIG Datasheet HTML 31Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 27 -
Revision B
8.2.17
Block Erase (D8h)
The Block Erase instruction sets all memory within a specified block (64K-bytes) to the erased state of
all 1s (FFh). A Write Enable instruction must be executed before the device will accept the Block
Erase Instruction (Status Register bit WEL must equal 1). The instruction is initiated by driving the /CS
pin low and shifting the instruction code “D8h” followed a 24-bit block address (A23-A0) (see Figure 2).
The Block Erase instruction sequence is shown in figure 17.
The /CS pin must be driven high after the eighth bit of the last byte has been latched. If this is not
done the Block Erase instruction will not be executed. After /CS is driven high, the self-timed Block
Erase instruction will commence for a time duration of tBE (See AC Characteristics). While the Block
Erase cycle is in progress, the Read Status Register instruction may still be accessed for checking the
status of the BUSY bit. The BUSY bit is a 1 during the Block Erase cycle and becomes a 0 when the
cycle is finished and the device is ready to accept other instructions again. After the Block Erase cycle
has finished the Write Enable Latch (WEL) bit in the Status Register is cleared to 0. The Block Erase
instruction will not be executed if the addressed page is protected by the Block Protect (TB, BP1, and
BP0) bits (see Status Register Memory Protection table).
Figure 17. Block Erase Instruction Sequence Diagram
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (D8h)
High Impedance
8
9
29
30
31
24-Bit Address
23
22
2
1
0
*
Mode 0
Mode 3
= MSB
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com