Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 40 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 40 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 36Page - Winbond W25X05CLZPIG Datasheet HTML 37Page - Winbond W25X05CLZPIG Datasheet HTML 38Page - Winbond W25X05CLZPIG Datasheet HTML 39Page - Winbond W25X05CLZPIG Datasheet HTML 40Page - Winbond W25X05CLZPIG Datasheet HTML 41Page - Winbond W25X05CLZPIG Datasheet HTML 42Page - Winbond W25X05CLZPIG Datasheet HTML 43Page - Winbond W25X05CLZPIG Datasheet HTML 44Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 40 -
Revision B
9.6
AC Electrical Characteristics
DESCRIPTION
SYMBOL
ALT
SPEC
UNIT
MIN
TYP
MAX
Clock frequency for all instructions,
except Read Data (03h)
2.7V-3.6V VCC & Industrial Temperature
FR
fc
D.C.
104
MHz
Clock frequency for all instructions,
except Read Data (03h)
2.3V-2.7V VCC & Industrial Temperature
FR
fc
D.C.
80
MHz
Clock freq. Read Data instruction 03h
2.7V-3.6V VCC & Industrial Temperature
fR
D.C.
50
MHz
Clock freq. Read Data instruction 03h
2.3V-2.7V VCC & Industrial Temperature
fR
D.C.
33
MHz
Clock High, Low Time, for Fast Read (0Bh, 3Bh) /
other instructions except Read Data (03h)
tCLH,
tCLL(1)
4
ns
Clock High, Low Time for Read Data (03h)
instruction
tCRLH,
tCRLL(1)
6
ns
Clock Rise Time peak to peak
tCLCH(2)
0.1
V/ns
Clock Fall Time peak to peak
tCHCL(2)
0.1
V/ns
/CS Active Setup Time relative to CLK
tSLCH
tCSS
5
ns
/CS Not Active Hold Time relative to CLK
tCHSL
5
ns
Data In Setup Time
tDVCH
tDSU
2
ns
Data In Hold Time
tCHDX
tDH
5
ns
/CS Active Hold Time relative to CLK
tCHSH
5
ns
/CS Not Active Setup Time relative to CLK
tSHCH
5
ns
/CS Deselect Time (for Array Read  Array
Read)
tSHSL1
tCSH
50
ns
/CS Deselect Time (for Erase/Program  Read
SR) Volatile Status Register Write Time
tSHSL2
tCSH
100
50
ns
Output Disable Time
tSHQZ(2)
tDIS
7
ns
Clock Low to Output Valid
tCLQV1
tV1
8
ns
Clock Low to Output Valid (for Read ID instructions)
tCLQV2
tV2
8
ns
Continued
– next page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com