Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 44 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 44 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 40Page - Winbond W25X05CLZPIG Datasheet HTML 41Page - Winbond W25X05CLZPIG Datasheet HTML 42Page - Winbond W25X05CLZPIG Datasheet HTML 43Page - Winbond W25X05CLZPIG Datasheet HTML 44Page - Winbond W25X05CLZPIG Datasheet HTML 45Page - Winbond W25X05CLZPIG Datasheet HTML 46Page - Winbond W25X05CLZPIG Datasheet HTML 47Page - Winbond W25X05CLZPIG Datasheet HTML 48Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 44 -
Revision B
10.2 8-Pin VSOP8 150-mil (Package Code SV)
SYMBOL
MILLIMETER
INCHES
MIN
TYP.
MAX
MIN
TYP.
MAX
A
―
―
1
―
―
0.039
A1
0.05
0.1
0.15
0.002
0.004
0.006
A2
0.75
0.8
0.85
0.030
0.031
0.033
Q
0.19
0.2
0.21
0.0075
0.0079
0.0083
b
0.33
―
0.51
0.013
―
0.020
c
0.125 BSC
0.005 BSC
D
4.8
4.9
5
0.189
0.193
0.197
E
5.8
6
6.2
0.228
0.236
0.244
E1
3.8
3.9
4
0.150
0.154
0.157
e
1.27BSC
0.050 BSC
L
0.4
0.71
1.27
0.016
0.0280
0.050
∘
0°
―
10°
0°
―
10°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com