Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 18 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 18 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 14Page - Winbond W25X05CLZPIG Datasheet HTML 15Page - Winbond W25X05CLZPIG Datasheet HTML 16Page - Winbond W25X05CLZPIG Datasheet HTML 17Page - Winbond W25X05CLZPIG Datasheet HTML 18Page - Winbond W25X05CLZPIG Datasheet HTML 19Page - Winbond W25X05CLZPIG Datasheet HTML 20Page - Winbond W25X05CLZPIG Datasheet HTML 21Page - Winbond W25X05CLZPIG Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 18 -
Revision B
8.2.8 Read Data (03h)
The Read Data instruction allows one or more data bytes to be sequentially read from the memory.
The instruction is initiated by driving the /CS
pin low and then shifting the instruction code “03h”
followed by a 24-bit address (A23-A0) into the DI pin. The code and address bits are latched on the
rising edge of the CLK pin. After the address is received, the data byte of the addressed memory
location will be shifted out on the DO pin at the falling edge of CLK with most significant bit (MSB) first.
The address is automatically incremented to the next higher address after each byte of data is shifted
out allowing for a continuous stream of data. This means that the entire memory can be accessed with
a single instruction as long as the clock continues. The instruction is completed by driving /CS high.
The Read Data instruction sequence is shown in figure 9. If a Read Data instruction is issued while an
Erase, Program or Write cycle is in process (BUSY=1) the instruction is ignored and will not have any
effects on the current cycle. The Read Data instruction allows clock rates from D.C. to a maximum of
fR (see AC Electrical Characteristics).
Figure 9. Read Data Instruction Sequence Diagram
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (03h)
High Impedance
8
9
10
28
29
30
31
32
33
34
35
36
37
38
39
7
6
5
4
3
2
1
0
7
24-Bit Address
23
22
21
3
2
1
0
Data Out 1
*
*
= MSB
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com