Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 35 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 35 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 31Page - Winbond W25X05CLZPIG Datasheet HTML 32Page - Winbond W25X05CLZPIG Datasheet HTML 33Page - Winbond W25X05CLZPIG Datasheet HTML 34Page - Winbond W25X05CLZPIG Datasheet HTML 35Page - Winbond W25X05CLZPIG Datasheet HTML 36Page - Winbond W25X05CLZPIG Datasheet HTML 37Page - Winbond W25X05CLZPIG Datasheet HTML 38Page - Winbond W25X05CLZPIG Datasheet HTML 39Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 35 -
Revision B
8.2.24 JEDEC ID (9Fh)
For compatibility reasons, the W25X05CL/10CL/20CL provide several instructions to electronically
determine the identity of the device. The Read JEDEC ID instruction is compatible with the JEDEC
standard for SPI compatible serial memories that was adopted in 2003.
The instruction is initiated by driving the /CS
pin low and shifting the instruction code “9Fh”. The
JEDEC assigned Manufacturer ID byte for Winbond (EFh) and two Device ID bytes, Memory Type
(ID15-ID8) and Capacity (ID7-ID0) are then shifted out on the falling edge of CLK with most significant
bit (MSB) first as shown in figure 25. For memory type and capacity values refer to Manufacturer and
Device Identification table.
Figure 25. Read JEDEC ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com