Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 15 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 15 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 11Page - Winbond W25X05CLZPIG Datasheet HTML 12Page - Winbond W25X05CLZPIG Datasheet HTML 13Page - Winbond W25X05CLZPIG Datasheet HTML 14Page - Winbond W25X05CLZPIG Datasheet HTML 15Page - Winbond W25X05CLZPIG Datasheet HTML 16Page - Winbond W25X05CLZPIG Datasheet HTML 17Page - Winbond W25X05CLZPIG Datasheet HTML 18Page - Winbond W25X05CLZPIG Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 15 -
Revision B
8.2.3 Write Enable (06h)
The Write Enable instruction (Figure 4) sets the Write Enable Latch (WEL) bit in the Status Register to
a 1. The WEL bit must be set prior to every Page Program, Sector Erase, Block Erase, Chip Erase
and Write Status Register instruction. The Write Enable instruction is entered by driving /CS low,
shifting the instruction code “06h” into the Data Input (DI) pin on the rising edge of CLK, and then
driving /CS high.
Figure 4. Write Enable Instruction Sequence Diagram
8.2.4 Write Enable for Volatile Status Register (50h)
The non-volatile Status Register bits described in section 8.1 can also be written to as volatile bits.
This gives more flexibility to change the system configuration and memory protection schemes quickly
without waiting for the typical non-volatile bit write cycles or affecting the endurance of the Status
Register non-volatile bits. To write the volatile values into the Status Register bits, the Write Enable for
Volatile Status Register (50h) instruction must be issued prior to a Write Status Register (01h)
instruction. Write Enable for Volatile Status Register instruction (Figure 5) will not set the Write Enable
Latch (WEL) bit, it is only valid for the Write Status Register instruction to change the volatile Status
Register bit values.
Figure 5. Write Enable for Volatile Status Register Instruction Sequence Diagram
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Mode 0
Mode 3
Instruction (06h)
High Impedance
Instruction (50h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com