Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 39 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 39 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 35Page - Winbond W25X05CLZPIG Datasheet HTML 36Page - Winbond W25X05CLZPIG Datasheet HTML 37Page - Winbond W25X05CLZPIG Datasheet HTML 38Page - Winbond W25X05CLZPIG Datasheet HTML 39Page - Winbond W25X05CLZPIG Datasheet HTML 40Page - Winbond W25X05CLZPIG Datasheet HTML 41Page - Winbond W25X05CLZPIG Datasheet HTML 42Page - Winbond W25X05CLZPIG Datasheet HTML 43Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 39 -
Revision B
9.5
AC Measurement Conditions
PARAMETER
SYMBOL
SPEC
UNIT
MIN
MAX
Load Capacitance
CL
30
pF
Input Rise and Fall Times
TR, TF
5
ns
Input Pulse Voltages
VIN
0.1 VCC to 0.9 VCC
V
Input Timing Reference Voltages
IN
0.3 VCC to 0.7 VCC
V
Output Timing Reference Voltages
OUT
0.5 VCC to 0.5 VCC
V
Note:
1. Output Hi-Z is defined as the point where data out is no longer driven.
Input Levels
0.9 VCC
0.1 VCC
0.5 VCC
Input and Output Timing
Reference Levels
Figure 27. AC Measurement I/O Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com