Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 34 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 34 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 30Page - Winbond W25X05CLZPIG Datasheet HTML 31Page - Winbond W25X05CLZPIG Datasheet HTML 32Page - Winbond W25X05CLZPIG Datasheet HTML 33Page - Winbond W25X05CLZPIG Datasheet HTML 34Page - Winbond W25X05CLZPIG Datasheet HTML 35Page - Winbond W25X05CLZPIG Datasheet HTML 36Page - Winbond W25X05CLZPIG Datasheet HTML 37Page - Winbond W25X05CLZPIG Datasheet HTML 38Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 34 -
Revision B
8.2.23
Read Unique ID Number (4Bh)
The Read Unique ID Number instruction accesses a factory-set read-only 64-bit number that is unique
to each W25X05CL/10CL/20CL device. The ID number can be used in conjunction with user software
methods to help prevent copying or cloning of a system. The Read Unique ID instruction is initiated by
driving the /CS pin low and shifting the instruction
code “4Bh” followed by a four bytes of dummy
clocks. After which, the 64-bit ID is shifted out on the falling edge of CLK as shown in figure 24.
Figure 24. Read Unique ID Number Instruction Sequence
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (4Bh)
High Impedance
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
/CS
CLK
DI
(IO
0)
DO
(IO
1)
24
25
26
27
28
29
30
31
32
33
34
36
37
38
35
23
Mode 0
Mode 3
*
Dummy Byte 1
Dummy Byte 2
39
40
41
42
Dummy Byte 3
Dummy Byte 4
63
62
61
2
1
0
64-bit Unique Serial Number
High Impedance
= MSB
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com