Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 29 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 29 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 25Page - Winbond W25X05CLZPIG Datasheet HTML 26Page - Winbond W25X05CLZPIG Datasheet HTML 27Page - Winbond W25X05CLZPIG Datasheet HTML 28Page - Winbond W25X05CLZPIG Datasheet HTML 29Page - Winbond W25X05CLZPIG Datasheet HTML 30Page - Winbond W25X05CLZPIG Datasheet HTML 31Page - Winbond W25X05CLZPIG Datasheet HTML 32Page - Winbond W25X05CLZPIG Datasheet HTML 33Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 29 -
Revision B
8.2.19
Power-down (B9h)
Although the standby current during normal operation is relatively low, standby current can be further
reduced with the Power-down instruction. The lower power consumption makes the Power-down
instruction especially useful for battery powered applications (See ICC1 and ICC2 in AC
Characteristics). The instruction is initiated by driving the /CS pin low and shifting the instruction code
“B9h” as shown in figure 19.
The /CS pin must be driven high after the eighth bit has been latched. If this is not done th e Power-
down instruction will not be executed. After /CS is driven high, the power-down state will entered
within the time duration of tDP (See AC Characteristics). While in the power-down state only the
Release from Power-down / Device ID instruction, which restores the device to normal operation, will
be recognized. All other instructions are ignored. This includes the Read Status Register instruction,
which is always available during normal operation. Ignoring all but one instruction makes the Power
Down state a useful condition for securing maximum write protection. The device always powers -up in
the normal operation with the standby current of ICC1.
Figure 19. Deep Power-down Instruction Sequence Diagram
/CS
CLK
DI
(IO
0)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (B9h)
Mode 0
Mode 3
tDP
Power-down current
Stand-by current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com