Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 23 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 23 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 19Page - Winbond W25X05CLZPIG Datasheet HTML 20Page - Winbond W25X05CLZPIG Datasheet HTML 21Page - Winbond W25X05CLZPIG Datasheet HTML 22Page - Winbond W25X05CLZPIG Datasheet HTML 23Page - Winbond W25X05CLZPIG Datasheet HTML 24Page - Winbond W25X05CLZPIG Datasheet HTML 25Page - Winbond W25X05CLZPIG Datasheet HTML 26Page - Winbond W25X05CLZPIG Datasheet HTML 27Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 23 -
Revision B
8.2.12
Continuous Read Mode Bits (M7-0)
The “Continuous Read Mode” bits are used in conjunction with the “Fast Read Dual I/O” instruction to
provide the highest random Flash memory access rate with minimum SPI instruction overhead, thus
allow true XIP (execute in place) to be performed on serial flash devices.
M7-0 need to be set by the Dual I/O Read instruction. M5-4 are used to control whether the 8-bit SPI
instruction code BBh is needed or not for the next command. When M5-4 = (1,0), the next command
will be treated same as the current Dual I/O Read command without needing the 8-bit instruction code;
when M5-4 do not equal to (1,0), the device returns to normal SPI mode, all commands can be
accepted. M7-6 and M3-0 are reserved bits for future use, either 0 or 1 values can be used.
8.2.13
Continuous Read Mode Reset (FFFFh)
Continuous Read Mode Reset instruction can be used to set M4 = 1, thus the device will release the
Continuous Read Mode and return to normal SPI operation, as shown in figure 13.
Figure 13. Continuous Read Mode Reset for Fast Read Dual I/O
Since W25X05CL/10CL/20CL does not have a hardware Reset pin, so if the controller resets while
W25X05CL/10CL/20CL
are set
to Continuous
Mode Read,
the W25X05CL/10CL/20CL
will
not recognize any initial standard SPI instructions from the controller. To address this possibility, it is
recommended to issue a Continuous Read Mode Reset instruction as the first instruction after a
system Reset. Doing so will release the device from the Continuous Read Mode and allow Standard
SPI instructions to be recognized.
To reset “Continuous Read Mode” during Dual I/O operation, sixteen clocks are needed to shift in
instruction “FFFFh”.
1
1
0
2
/CS
Mode 0
Mode 3
4
6
8
10
12
Mode 0
Mode 3
CLK
IO0
IO
Mode Bit Reset
for Dual I/O
Don
’t Care
FFFFh
/CS
Mode 0
Mode 3
CLK
IO0
IO
Don
’t Care
1
3
5
7
9
11
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com