Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 14 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 14 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 10Page - Winbond W25X05CLZPIG Datasheet HTML 11Page - Winbond W25X05CLZPIG Datasheet HTML 12Page - Winbond W25X05CLZPIG Datasheet HTML 13Page - Winbond W25X05CLZPIG Datasheet HTML 14Page - Winbond W25X05CLZPIG Datasheet HTML 15Page - Winbond W25X05CLZPIG Datasheet HTML 16Page - Winbond W25X05CLZPIG Datasheet HTML 17Page - Winbond W25X05CLZPIG Datasheet HTML 18Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 14 -
Revision B
8.2.2 Instruction Set
(1)
INSTRUCTION
NAME
BYTE 1
(CODE)
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
N-BYTES
Write Enable
06h
Write Enable for
Volatile Status
Register
50h
Write Disable
04h
Read Status Register
05h
(S7
–S0)
(1)
(2)
Write Status Register
01h
(S7
–S0)
Read Data
03h
A23
–A16
A15
–A8
A7
–A0
(D7
–D0)
(Next byte)
continuous
Fast Read
0Bh
A23
–A16
A15
–A8
A7
–A0
dummy
(D7
–D0)
(Next Byte)
continuous
Fast Read Dual
Output
3Bh
A23
–A16
A15
–A8
A7
–A0
dummy
(D7-D0,
…)
(5)
(one byte per
4 clocks,
continuous)
Fast Read Dual I/O
BBh
A23-A8
(6)
A7-A0, M7-
M0
(6)
(D7-D0,
…)
(5)
Page Program
02h
A23
–A16
A15
–A8
A7
–A0
(D7
–D0)
(Next byte)
Up to 256
bytes
Sector Erase (4KB)
20h
A23
–A16
A15
–A8
A7
–A0
Block Erase (32KB)
52h
A23
–A16
A15
–A8
A7
–A0
Block Erase (64KB)
D8h
A23
–A16
A15
–A8
A7
–A0
Chip Erase
C7h/60h
Power-down
B9h
Release Power-down
/ Device ID
ABh
dummy
dummy
dummy
(ID7-ID0)
(4)
Manufacturer/
Device ID
(3)
90h
dummy
dummy
00h
(M7-M0)
(ID7-ID0)
Manufacturer/Device
ID by Dual I/O
92h
A23-A8
A7-A0,
M[7:0]
(MF[7:0],
ID[7:0])
JEDEC ID
9Fh
(M7-M0)
Manufacturer
(ID15-ID8)
Memory
Type
(ID7-ID0)
Capacity
Read Unique ID
4Bh
dummy
dummy
dummy
dummy
(ID63-ID0)
Notes:
1
Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )” indicate data being read from
the device on the DO pin.
2
The Status Register contents will repeat continuously until /CS terminates the instruction.
3
See Manufacturer and Device Identification table for Device ID information.
4
The Device ID will repeat continuously until /CS terminates the instruction.
5
Dual Output and Dual I/O data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
6
Dual Input Address
IO0 = A22, A20, A18, A16, A14, A12, A10, A8
A6, A4, A2, A0, M6, M4, M2, M0
IO1 = A23, A21, A19, A17, A15, A13, A11, A9
A7, A5, A3, A1, M7, M5, M3, M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com