Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 6 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 6 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 2Page - Winbond W25X05CLZPIG Datasheet HTML 3Page - Winbond W25X05CLZPIG Datasheet HTML 4Page - Winbond W25X05CLZPIG Datasheet HTML 5Page - Winbond W25X05CLZPIG Datasheet HTML 6Page - Winbond W25X05CLZPIG Datasheet HTML 7Page - Winbond W25X05CLZPIG Datasheet HTML 8Page - Winbond W25X05CLZPIG Datasheet HTML 9Page - Winbond W25X05CLZPIG Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 6 -
Revision B
5.1
Package Types
W25X05CL/10CL/20CL are offered in 8-pin plastic 150-mil width SOIC (package code SN), 150-mil
width VSOP8 (package code SV) and 173-mil width TSSOP (package code SD). 8-pad 6x5-mm
WSON (package code ZP) and 2x3-mm USON (package code UX). Refer to see figures 1a and 1b,
respectively.
5.2 Chip Select (/CS)
The SPI Chip Select (/CS) pin enables and disables device operation. When /CS is high the device is
deselected and the Serial Data Output (DO, or IO0, IO1) pins are at high impedance. When
deselected, the devices power consumption will be at standby levels unless an internal erase,
program or write status register cycle is in progress. When /CS is brought low the device will be
selected, power consumption will increase to active levels and instructions can be written to and data
read from the device. After power-up, /CS must transition from high to low before a new instruction will
be accepted. The /CS input must track the VCC supply level at power-
up (see “Power-up Timing and
Write inhibit threshold
” and Figure 26). If needed, a pull-up resister on /CS can be used to accomplish
this.
5.3 Serial Data Input, Output and IOs (DIO, DO, IO0 and IO1)
The W25X05CL/10CL/20CL support standard SPI and Dual SPI operation. Standard SPI instructions
use the unidirectional DI (input) pin to serially write instructions, addresses or data to the device on the
rising edge of the Serial Clock (CLK) input pin. Standard SPI also uses the unidirectional DO (output)
to read data or status from the device on the falling edge of CLK.
Dual SPI instructions use the bidirectional IO pins to serially write instructions, addresses or data to the
device on the rising edge of CLK and read data or status from the device on the falling edge of CLK.
5.4
Write Protect (/WP)
The Write Protect (/WP) pin can be used to prevent the Status Register from being written. Used in
conjunction with the Status Register’s Block Protect (TB, BP1 and BP0) bits and Status Register
Protect (SRP) bit, a portion or the entire memory array can be hardware protected. The /WP pin is
active low.
5.5
HOLD (/HOLD)
The Hold (/HOLD) pin allows the device to be paused while it is actively selected. When /HOLD is
brought low, while /CS is low, the DO pin will be at high impedance and signals on the DIO and CLK
pins will be ignored (don’t care). When /HOLD is brought high, device operation can resume. The
/HOLD function can be useful when multiple devices are sharing the same SPI signals.
5.6
Serial Clock (CLK)
The SPI Serial Clock Input (CLK) pin provides the timing for serial input and output operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com