Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 12 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 12 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 8Page - Winbond W25X05CLZPIG Datasheet HTML 9Page - Winbond W25X05CLZPIG Datasheet HTML 10Page - Winbond W25X05CLZPIG Datasheet HTML 11Page - Winbond W25X05CLZPIG Datasheet HTML 12Page - Winbond W25X05CLZPIG Datasheet HTML 13Page - Winbond W25X05CLZPIG Datasheet HTML 14Page - Winbond W25X05CLZPIG Datasheet HTML 15Page - Winbond W25X05CLZPIG Datasheet HTML 16Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 12 -
Revision B
8.1.7 Status Register Memory Protection
STATUS REGISTER
(1)
W25X20CL (2M-BIT) MEMORY PROTECTION
TB
BP1
BP0
BLOCK(S)
ADDRESSES
DENSITY
PORTION
x
0
0
NONE
NONE
NONE
NONE
0
0
1
3
030000h - 03FFFFh
64KB
Upper 1/4
0
1
0
2 and 3
020000h - 03FFFFh
128KB
Upper 1/2
1
0
1
0
000000h - 00FFFFh
64KB
Lower 1/4
1
1
0
0 and 1
000000h - 01FFFFh
128KB
Lower 1/2
x
1
1
0 thru 3
000000h - 03FFFFh
256KB
ALL
STATUS REGISTER
(1)
W25X10CL (1M-BIT) MEMORY PROTECTION
TB
BP1
BP0
BLOCK(S)
ADDRESSES
DENSITY
PORTION
x
0
0
NONE
NONE
NONE
NONE
0
0
1
1
010000h - 01FFFFh
64KB
Upper 1/2
1
0
1
0
000000h - 00FFFFh
64KB
Lower 1/2
x
1
x
0 and 1
000000h - 01FFFFh
128KB
ALL
STATUS REGISTER
(1)
W25X05CL (512K-BIT) MEMORY PROTECTION
TB
BP1
BP0
BLOCK(S)
ADDRESSES
DENSITY
PORTION
x
0
0
NONE
NONE
NONE
NONE
x
0
1
0
000000h - 00FFFFh
64KB
ALL
x
1
0
0
000000h - 00FFFFh
64KB
ALL
x
1
1
0
000000h - 00FFFFh
64KB
ALL
Note:
1.
x = don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com