Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 17 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 17 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 13Page - Winbond W25X05CLZPIG Datasheet HTML 14Page - Winbond W25X05CLZPIG Datasheet HTML 15Page - Winbond W25X05CLZPIG Datasheet HTML 16Page - Winbond W25X05CLZPIG Datasheet HTML 17Page - Winbond W25X05CLZPIG Datasheet HTML 18Page - Winbond W25X05CLZPIG Datasheet HTML 19Page - Winbond W25X05CLZPIG Datasheet HTML 20Page - Winbond W25X05CLZPIG Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 17 -
Revision B
8.2.7 Write Status Register (01h)
The Write Status Register instruction allows the Status Register to be written. A Write Enable
instruction must previously have been executed for the device to accept the Write Status Register
Instruction (Status Register bit WEL must equal 1). Once write enabled, the instruction is entered by
driving /CS
low, sending the instruction code “01h”, and then writing the status register data byte as
illustrated in figure 8. The Status Register bits are shown in figure 3 and described earlier in this
datasheet.
Only non-volatile Status Register bits SRP, TB, BP1 and BP0 (bits 7, 5, 3 and 2) can be written to. All
other Status Register bit locations are read-only and will not be affected by the Write Status Register
instruction.
The /CS pin must be driven high after the eighth bit of the last byte has been latched. If this is not
done the Write Status Register instruction will not be executed. After /CS is driven high, the self-timed
Write Status Register cycle will commence for a time duration of tW (See AC Characteristics). While
the Write Status Register cycle is in progress, the Read Status Register instruction may still accessed
to check the status of the BUSY bit. The BUSY bit is a 1 during the Write Status Register cycle and a
0 when the cycle is finished and ready to accept other instructions again. After the Write Register
cycle has finished the Write Enable Latch (WEL) bit in the Status Register will be cleared to 0.
The Write Status Register instruction allows the Block Protect bits (TB, BP1 and BP0) to be set for
protecting all, a portion, or none of the memory from erase and program instructions. Protected areas
become read-only (see Status Register Memory Protection table). The Write Status Register
instruction also allows the Status Register Protect bit (SRP) to be set. This bit is used in conjunction
with the Write Protect (/WP) pin to disable writes to the status register. When the SRP bit is set to a 0
state (factory default) the /WP pin has no control over the status register. When the SRP pin is set to a
1, the Write Status Register instruction is locked out while the /WP pin is low. When the /WP pin is
high the Write Status Register instruction is allowed.
During volatile Status Register write operation (50h combined with 01h), after /CS is driven high, the
Status Register bits will be refreshed to the new values within the time period of tSHSL2 (See AC
Characteristics). BUSY bit will remain 0 during the Status Register bit refresh period.
Figure 8. Write Status Register Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com