Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 10 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 10 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 6Page - Winbond W25X05CLZPIG Datasheet HTML 7Page - Winbond W25X05CLZPIG Datasheet HTML 8Page - Winbond W25X05CLZPIG Datasheet HTML 9Page - Winbond W25X05CLZPIG Datasheet HTML 10Page - Winbond W25X05CLZPIG Datasheet HTML 11Page - Winbond W25X05CLZPIG Datasheet HTML 12Page - Winbond W25X05CLZPIG Datasheet HTML 13Page - Winbond W25X05CLZPIG Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 10 -
Revision B
8.
CONTROL AND STATUS REGISTERS
The Read Status Register instruction can be used to provide status on the availability of the Flash
memory array, if the device is write enabled or disabled, and the state of write protection. The Write
Status Register instruction can be used to configure the device write protection features.
8.1
STATUS REGISTER
8.1.1 BUSY
BUSY is a read only bit in the status register (S0) that is set to a 1 state when the device is executing
a Page Program, Sector Erase, Block Erase, Chip Erase or Write Status Register instruction. During
this time the device will ignore further instructions except for the Read Status Register instruction (see
tW, tPP, tSE, tBE, and tCE in AC Characteristics). When the program, erase or write status register
instruction has completed, the BUSY bit will be cleared to a 0 state indicating the device is ready for
further instructions.
8.1.2 Write Enable Latch (WEL)
Write Enable Latch (WEL) is a read only bit in the status register (S1) that is set to a 1 after executing
a Write Enable Instruction. The WEL status bit is cleared to a 0 when the device is write disabled. A
write disable state occurs upon power-up or after any of the following instructions finished: Write
Disable, Page Program, Sector Erase, Block Erase, Chip Erase and Write Status Register.
8.1.3 Block Protect Bits (BP1, BP0)
The Block Protect Bits (BP1 and BP0) are non-volatile read/write bits in the status register (S3 and S2)
that provide Write Protection control and status. Block Protect bits can be set using the Write Status
Register Instruction (see tW in AC characteristics). All, none or a portion of the memory array can be
protected from Program and Erase instructions (see Status Register Memory Protection table). The
factory default setting for the Block Protection Bits is 0, none of the array protected. The Block Protect
bits cannot be written to if the Status Register Protect (SRP) bit is set to 1 and the Write Protect (/WP)
pin is low.
8.1.4 Top/Bottom Block Protect (TB)
The Top/Bottom bit (TB) controls if the Block Protect Bits (BP1, BP0) protect from the Top (TB=0) or
the Bottom (TB=1) of the array as shown in the Status Register Memory Protection table. The TB bit is
non-volatile and the factory default setting is TB=0. The TB bit can be set with the Write Status
Register Instruction provided that the Write Enable instruction has been issued. The TB bit cannot be
written to if the Status Register Protect (SRP) bit is set to 1 and the Write Protect (/WP) pin is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com