Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 24 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 24 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 20Page - Winbond W25X05CLZPIG Datasheet HTML 21Page - Winbond W25X05CLZPIG Datasheet HTML 22Page - Winbond W25X05CLZPIG Datasheet HTML 23Page - Winbond W25X05CLZPIG Datasheet HTML 24Page - Winbond W25X05CLZPIG Datasheet HTML 25Page - Winbond W25X05CLZPIG Datasheet HTML 26Page - Winbond W25X05CLZPIG Datasheet HTML 27Page - Winbond W25X05CLZPIG Datasheet HTML 28Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 24 -
Revision B
8.2.14 Page Program (02h)
The Page Program instruction allows from one byte to 256 bytes (a page) of data to be programmed
at previously erased (FFh) memory locations. A Write Enable instruction must be executed before the
device will accept the Page Program Instruction (Status Register bit WEL = 1). The instruction is
initiated by driving the /CS
pin low then shifting the instruction code “02h” followed by a 24-bit address
(A23-A0) and at least one data byte, into the DIO pin. The /CS pin must be held low for the entire
length of the instruction while data is being sent to the device.
If an entire 256 byte page is to be programmed, the last address byte (the 8 least significant address
bits) should be set to 0. If the last address byte is not zero, and the number of clocks exceeds the
remaining page length, the addressing will wrap to the beginning of the page. In some cases, less
than 256 bytes (a partial page) can be programmed without having any effect on other bytes within the
same page. One condition to perform a partial page program is that the number of clocks cannot
exceed the remaining page length. If more than 256 bytes are sent to the device the addressing will
wrap to the beginning of the page and overwrite previously sent data.
As with the write and erase instructions, the /CS pin must be driven high after the eighth bit of the last
byte has been latched. If this is not done the Page Program instruction will not be executed. After /CS
is driven high, the self-timed Page Program instruction will commence for a time duration of tpp (See
AC Characteristics). While the Page Program cycle is in progress, the Read Status Register
instruction may still be accessed for checking the status of the BUSY bit. The BUSY bit is a 1 during
the Page Program cycle and becomes a 0 when the cycle is finished and the device is ready to accept
other instructions again. After the Page Program cycle has finished the Write Enable Latch (WEL) bit
in the Status Register is cleared to 0. The Page Program instruction will not be executed if the
addressed page is protected by the Block Protect (BP1, and BP0) bits (see Status Register Memory
Protection table).
Figure 14. Page Program Instruction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com