Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 16 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 16 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 12Page - Winbond W25X05CLZPIG Datasheet HTML 13Page - Winbond W25X05CLZPIG Datasheet HTML 14Page - Winbond W25X05CLZPIG Datasheet HTML 15Page - Winbond W25X05CLZPIG Datasheet HTML 16Page - Winbond W25X05CLZPIG Datasheet HTML 17Page - Winbond W25X05CLZPIG Datasheet HTML 18Page - Winbond W25X05CLZPIG Datasheet HTML 19Page - Winbond W25X05CLZPIG Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 16 -
Revision B
8.2.5 Write Disable (04h)
The Write Disable instruction (Figure 6) resets the Write Enable Latch (WEL) bit in the Status Register
to a 0. The Write Disable instruction is entered by driving /CS
low, shifting the instruction code “04h”
into the DIO pin and then driving /CS high. WEL bit is automatically reset after Power-up and upon
completion of the Write Status Register, Page Program, Sector Erase, Block Erase and Chip Erase
instructions. Write Disable instruction can also be used to invalidate the Write Enable for Volatile
Status Register instruction
Figure 6. Write Disable Instruction Sequence Diagram
8.2.6 Read Status Register (05h)
The Read Status Register instruction allows the 8-bit Status Register to be read. The instruction is
entered by driving /CS
low and shifting the instruction code “05h” into the DIO pin on the rising edge of
CLK. The status register bits are then shifted out on the DO pin at the falling edge of CLK with most
significant bit (MSB) first as shown in figure 6. The Status Register bits are shown in figure 3 and
include the BUSY, WEL, BP1, BP0, TB and SRP bits (see description of the Status Register earlier in
this datasheet).
The Status Register instruction may be used at any time, even while a Program, Erase or Write Status
Register cycle is in progress. This allows the BUSY status bit to be checked to determine when the
cycle is complete and if the device can accept another instruction. The Status Register can be read
continuously, as shown in Figure 7. The instruction is completed by driving /CS high.
Figure 7. Read Status Register Instruction Sequence Diagram
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Mode 0
Mode 3
Instruction (04h)
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com