Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 28 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 28 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 24Page - Winbond W25X05CLZPIG Datasheet HTML 25Page - Winbond W25X05CLZPIG Datasheet HTML 26Page - Winbond W25X05CLZPIG Datasheet HTML 27Page - Winbond W25X05CLZPIG Datasheet HTML 28Page - Winbond W25X05CLZPIG Datasheet HTML 29Page - Winbond W25X05CLZPIG Datasheet HTML 30Page - Winbond W25X05CLZPIG Datasheet HTML 31Page - Winbond W25X05CLZPIG Datasheet HTML 32Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 28 -
Revision B
8.2.18
Chip Erase (C7h or 60h)
The Chip Erase instruction sets all memory within the device to the erased state of all 1s (FFh). A
Write Enable instruction must be executed before the device will accept the Chip Erase Instruction
(Status Register bit WEL must equal 1). The instruction is initiated by driving the /CS pin low and
shifting the in
struction code “C7h” or “60h”. The Chip Erase instruction sequence is shown in figure 18.
The /CS pin must be driven high after the eighth bit has been latched. If this is not done the Chip
Erase instruction will not be executed. After /CS is driven high, the self-timed Chip Erase instruction
will commence for a time duration of tCE (See AC Characteristics). While the Chip Erase cycle is in
progress, the Read Status Register instruction may still be accessed to check the status of the BUSY
bit. The BUSY bit is a 1 during the Chip Erase cycle and becomes a 0 when finished and the device is
ready to accept other instructions again. After the Chip Erase cycle has finished the Write Enable
Latch (WEL) bit in the Status Register is cleared to 0. The Chip Erase instruction will not be executed
if any page is protected by the Block Protect (TB, BP1 and BP0) bits (see Status Register Memory
Protection table).
Figure 18. Chip Erase Instruction Sequence Diagram
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (C7h/60h)
High Impedance
Mode 0
Mode 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com