Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 25 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 25 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 21Page - Winbond W25X05CLZPIG Datasheet HTML 22Page - Winbond W25X05CLZPIG Datasheet HTML 23Page - Winbond W25X05CLZPIG Datasheet HTML 24Page - Winbond W25X05CLZPIG Datasheet HTML 25Page - Winbond W25X05CLZPIG Datasheet HTML 26Page - Winbond W25X05CLZPIG Datasheet HTML 27Page - Winbond W25X05CLZPIG Datasheet HTML 28Page - Winbond W25X05CLZPIG Datasheet HTML 29Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 25 -
Revision B
8.2.15 Sector Erase (20h)
The Sector Erase instruction sets all memory within a specified sector (4K-bytes) to the erased state
of all 1s (FFh). A Write Enable instruction must be executed before the device will accept the Sector
Erase Instruction (Status Register bit WEL must equal 1). The instruction is initiated by driving the /CS
pin low and shifting the instruction code “20h” followed a 24-bit sector address (A23-A0) (see Figure 2).
The Sector Erase instruction sequence is shown in figure 15.
The /CS pin must be driven high after the eighth bit of the last byte has been latched. If this is not
done the Sector Erase instruction will not be executed. After /CS is driven high, the self-timed Sector
Erase instruction will commence for a time duration of tSE (See AC Characteristics). While the Sector
Erase cycle is in progress, the Read Status Register instruction may still be accessed for checking the
status of the BUSY bit. The BUSY bit is a 1 during the Sector Erase cycle and becomes a 0 when the
cycle is finished and the device is ready to accept other instructions again. After the Sector Erase
cycle has finished the Write Enable Latch (WEL) bit in the Status Register is cleared to 0. The Sector
Erase instruction will not be executed if the addressed page is protected by the Block Protect (TB,
BP1, and BP0) bits (see Status Register Memory Protection table).
Figure 15. Sector Erase Instruction Sequence Diagram
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (20h)
High Impedance
8
9
29
30
31
24-Bit Address
23
22
2
1
0
*
Mode 0
Mode 3
= MSB
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com