Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 21 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 21 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 17Page - Winbond W25X05CLZPIG Datasheet HTML 18Page - Winbond W25X05CLZPIG Datasheet HTML 19Page - Winbond W25X05CLZPIG Datasheet HTML 20Page - Winbond W25X05CLZPIG Datasheet HTML 21Page - Winbond W25X05CLZPIG Datasheet HTML 22Page - Winbond W25X05CLZPIG Datasheet HTML 23Page - Winbond W25X05CLZPIG Datasheet HTML 24Page - Winbond W25X05CLZPIG Datasheet HTML 25Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 21 -
Revision B
8.2.11
Fast Read Dual I/O (BBh)
The Fast Read Dual I/O (BBh) instruction allows for improved random access while maintaining two IO
pins, IO0 and IO1. It is similar to the Fast Read Dual Output (3Bh) instruction but with the capability to
input the Address bits (A23-0) two bits per clock. This reduced instruction overhead may allow for
code execution (XIP) directly from the Dual SPI in some applications.
Fast Read Dual I/O with “Continuous Read Mode”
The Fast Read Dual I/O instruction can further reduce instruction overhead through setting the
“Continuous Read Mode” bits (M7-0) after the input Address bits (A23-0), as shown in figure 12a. The
upper nibble of the (M7-4) controls the length of the next Fast Read Dual I/O instruction through the
inclusion or exclusion of the first byte instruction code. The lower nibble bits of the (M3-
0) are don’t
care (“x”). However, the IO pins should be high-impedance prior to the falling edge of the first data out
clock.
If the “Continuous Read Mode” bits M5-4 = (1,0), then the next Fast Read Dual I/O instruction (after
/CS is raised and then lowered) does not require the BBh instruction code, as shown in figure 12b.
This reduces the instruction sequence by eight clocks and allows the Read address to be immediately
entered after /CS is asserted low. If the “Continuous Read Mode” bits M5-4 do not equal to (1,0), the
next instruction (after /CS is raised and then lowered) requires the first byte instruction code, thus
returning to normal operation. A “Continuous Read Mode” Reset instruction can also be used to reset
(M7-0) before issuing normal instructions (See 9.2.12 for detail descriptions).
Figure 12a. Fast Read Dual I/O Instruction Sequence (Initial instruction or previous M5-4
 10)
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (BBh)
8
9
10
12
13
14
24
25
26
27
28
29
30
31
6
4
2
0
*
*
23
/CS
CLK
DI
(IO
0)
DO
(IO
1)
0
32
33
34
35
36
37
38
39
7
5
3
1
*
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
*
*
IOs switch from
Input to Output
6
7
22
20
18
16
23
21
19
17
14
12
10
8
15
13
11
9
6
4
2
0
7
5
3
1
6
4
2
0
7
5
3
1
11
15
16
17
18
20
21
22
19
23
1
A23-16
A15-8
A7-0
M7-0
Byte 1
Byte 2
Byte 3
Byte 4
= MSB
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com