Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CLZPIG Datasheet(PDF) 32 Page - Winbond

Part # W25X05CLZPIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLZPIG Datasheet(HTML) 32 Page - Winbond

Back Button W25X05CLZPIG Datasheet HTML 28Page - Winbond W25X05CLZPIG Datasheet HTML 29Page - Winbond W25X05CLZPIG Datasheet HTML 30Page - Winbond W25X05CLZPIG Datasheet HTML 31Page - Winbond W25X05CLZPIG Datasheet HTML 32Page - Winbond W25X05CLZPIG Datasheet HTML 33Page - Winbond W25X05CLZPIG Datasheet HTML 34Page - Winbond W25X05CLZPIG Datasheet HTML 35Page - Winbond W25X05CLZPIG Datasheet HTML 36Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 32 -
Revision B
8.2.21 Read Manufacturer / Device ID (90h)
The Read Manufacturer/Device ID instruction is an alternative to the Release from Power-down/
Device ID instruction that provides both JEDEC assigned manufacturer ID and the specific device ID.
The Read Manufacturer/Device ID instruction is very similar to the Release from Power-down / Device
ID instruction. The instruction is initiated by driving the /CS pin low and shifting the instruction code
“90h” followed by a 24-bit address (A23-A0) of 000000h. After which, the Manufacturer ID for Winbond
(EFh) and the Device ID are shifted out on the falling edge of CLK with most significant bit (MSB) first
as shown in figure 22. The Device ID values for the W25X05CL/10CL/20CL are listed in Manufacturer
and Device Identification table. If the 24-bit address is initially set to 000001h the Device ID will be
read first and then followed by the Manufacturer ID. The Manufacturer and Device IDs can be read
continuously, alternating from one to the other. The instruction is completed by driving /CS high.
Figure 22. Read Manufacturer / Device ID Diagram
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (90h)
High Impedance
8
9
10
28
29
30
31
Address (000000h)
23
22
21
3
2
1
0
Device ID
*
/CS
CLK
DI
(IO
0)
DO
(IO
1)
32
33
34
35
36
37
38
39
Manufacturer ID (EFh)
40
41
42
44
45
46
7
6
5
4
3
2
1
0
*
43
31
0
Mode 0
Mode 3
= MSB
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com