Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 29 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 25Page - Texas Instruments TLC32046MFKB Datasheet HTML 26Page - Texas Instruments TLC32046MFKB Datasheet HTML 27Page - Texas Instruments TLC32046MFKB Datasheet HTML 28Page - Texas Instruments TLC32046MFKB Datasheet HTML 29Page - Texas Instruments TLC32046MFKB Datasheet HTML 30Page - Texas Instruments TLC32046MFKB Datasheet HTML 31Page - Texas Instruments TLC32046MFKB Datasheet HTML 32Page - Texas Instruments TLC32046MFKB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Error = 20 log
sin
π f/fs
π f/fs
2–15
Table 2–5. (sin x)/x Roll-Off Error
fs (Hz)
f = 3000 Hz
f = 3000 Hz
(dB)
7200
– 2.64
8000
– 2.11
9600
– 1.44
14400
– 0.63
16000
– 0.50
19200
– 0.35
25000
– 0.21
The actual AIC (sin x)/x roll-off is slightly less than the figures in Table 2–5 because the AIC has less than
100% duty cycle hold interval.
2.27 Correction Filter
To externally compensate for the (sin x)/x roll-off of the AIC, a first-order correction filter can be implemented
as shown in Figure 2–8.
y(i + 1)
p1
+
+
(1 – p1) p2
u (i + 1)
Z – 1
X
X
Σ
Figure 2–8. First-Order Correction Filter
The difference equation for this correction filter is:
(4)
y(i + 1) = p2 ⋅ (1 – p1) ⋅ u(i + 1) + p1 ⋅ y(i)
where the constant p1 determines the pole locations.
The resulting squared magnitude transfer function is:
| H (f) | 2 =
(p2)2
V (1–p1)2
1 – 2
V p1 V cos (2p f/fs) + (p1)2
(5)
2.28 Correction Results
Table 2-6 shows the optimum p values and the corresponding correction results for 8000-Hz and 9600-Hz
sampling rates (see Figures 5 – 8, 5 –9, and 5 –10).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com