Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 32 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 28Page - Texas Instruments TLC32046MFKB Datasheet HTML 29Page - Texas Instruments TLC32046MFKB Datasheet HTML 30Page - Texas Instruments TLC32046MFKB Datasheet HTML 31Page - Texas Instruments TLC32046MFKB Datasheet HTML 32Page - Texas Instruments TLC32046MFKB Datasheet HTML 33Page - Texas Instruments TLC32046MFKB Datasheet HTML 34Page - Texas Instruments TLC32046MFKB Datasheet HTML 35Page - Texas Instruments TLC32046MFKB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
3–2
3.3
Electrical Characteristics Over Recommended Operating Free-Air
Temperature Range, VCC+ = 5 V, VCC– = –5 V, VDD = 5 V (Unless
Otherwise Noted)
3.3.1
Total Device, MSTR CLK Frequency = 5.184 MHz, Outputs Not Loaded
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = 4.75 V, IOH = – 300 µA
2.4
V
VOL
Low-level output voltage
VDD = 4.75 V, IOL = 2 mA
0.4
V
Sl
t f
TLC32046C
35
ICC +
Supply current from
VCC +
TLC32046I
40
mA
VCC +
TLC32046M
45
Sl
t f
TLC32046C
– 35
ICC –
Supply current from
VCC
TLC32046I
– 40
mA
VCC –
TLC32046M
– 45
IDD
Supply current from VDD
7
mA
Vref
Internal reference
output voltage
TLC32046M
2.9
3.3
V
αVref
Temperature coefficient of internal
reference voltage
250
ppm/
°C
ro
Output resistance at REF
100
k
Ω
3.3.2
Power Supply Rejection and Crosstalk Attenuation
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VCC + or VCC – supply voltage
f = 0 kHz to 30 kHz
Idle channel, supply
signal at 200 mV p-p
30
dB
CC +
CC
yg
rejection ratio, receive channel
f = 30 kHz to 50 kHz
g
measured at DR
(ADC output)
45
dB
VCC or VCC supply voltage
f = 0 kHz to 30 kHz
Idle channel supply
30
VCC + or VCC – su ly voltage
rejection ratio transmit channel
f = 0 kHz to 30 kHz
Idle channel, su
ly
signal at 200 mV pp
30
dB
rejection ratio, transmit channel
(single-ended)
f = 30 kHz to 50 kHz
signal at 200 mV p-p
measured at OUT +
45
dB
Crosstalk attenuation, transmit-
TLC32046C, I
80
dB
,
to-receive (single-ended)
TLC32046M
60
80
dB
Crosstalk attenuation, receive-
to-transmit (single-ended)
TLC32046M
70
80
dB
3.3.3
Serial Port
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = – 300 µA
2.4
V
VOL
Low-level output voltage
IOL = 2 mA
0.4
V
II
Input current
±10
µA
II
Input current, DATA-DR/CONTROL
±100
µA
Ci
Input capacitance
15
pF
Co
Output capacitance
15
pF
† All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com