Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 3Page - Texas Instruments TLC32046MFKB Datasheet HTML 4Page - Texas Instruments TLC32046MFKB Datasheet HTML 5Page - Texas Instruments TLC32046MFKB Datasheet HTML 6Page - Texas Instruments TLC32046MFKB Datasheet HTML 7Page - Texas Instruments TLC32046MFKB Datasheet HTML 8Page - Texas Instruments TLC32046MFKB Datasheet HTML 9Page - Texas Instruments TLC32046MFKB Datasheet HTML 10Page - Texas Instruments TLC32046MFKB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
1–1
1 Introduction
The TLC32046C, TLC32046I, and TLC32046M wide-band analog interface circuits (AIC) are a complete
analog-to-digital and digital-to-analog interface system for advanced digital signal processors (DSPs)
similar to the TMS32020, TMS320C25, and TMS320C30. The TLC32046C and TLC32046I offer a powerful
combination of options under DSP control: three operating modes (dual-word [telephone interface], word,
and byte) combined with two word formats (8 bits and 16 bits) and synchronous or asynchronous operation.
It provides a high level of flexibility in that conversion and sampling rates, filter bandwidths, input circuitry,
receive and transmit gains, and multiplexed analog inputs are under processor control.
This AIC features a
•
band-pass switched-capacitor antialiasing input filter
•
14-bit-resolution A/D converter
•
14-bit-resolution D/A converter
•
low-pass switched-capacitor output-reconstruction filter.
The antialiasing input filter comprises eighth-order and fourth-order CC-type (Chebyshev/elliptic
transitional) low-pass and high-pass filters, respectively. The input filter is implemented in switched-
capacitor technology and is preceded by a continuous time filter to eliminate any possibility of aliasing
caused by sampled data filtering. When low-pass filtering is desired, the high-pass filter can be switched
out of the signal path. A selectable auxiliary differential analog input is provided for applications where more
than one analog input is required.
The output-reconstruction filter is an eighth-order CC-type (Chebyshev/elliptic transitional low-pass filter)
followed by a second-order (sin x)/x correction filter and is implemented in switched-capacitor technology.
This filter is followed by a continuous-time filter to eliminate images of the sample data signal. The on-board
(sin x)/x correction filter can be switched out of the signal path using digital signal processor control.
The A/D and D/A architectures ensure no missing codes and monotonic operation. An internal voltage
reference is provided to ease the design task and to provide complete control over the performance of the
IC. The internal voltage reference is brought out to REF. Separate analog and digital voltage supplies and
ground are provided to minimize noise and ensure a wide dynamic range. The analog circuit path contains
only differential circuitry to keep noise to a minimum. The exception is the DAC sample-and-hold, which
utilizes pseudo-differential circuitry.
The TLC32046C is characterized for operation from 0
°C to 70°C, the TLC32046I is characterized for
operation from – 40
°C to 85°C, and the TLC32046M is characterized for operation from –55°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com