Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 37 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 37 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 33Page - Texas Instruments TLC32046MFKB Datasheet HTML 34Page - Texas Instruments TLC32046MFKB Datasheet HTML 35Page - Texas Instruments TLC32046MFKB Datasheet HTML 36Page - Texas Instruments TLC32046MFKB Datasheet HTML 37Page - Texas Instruments TLC32046MFKB Datasheet HTML 38Page - Texas Instruments TLC32046MFKB Datasheet HTML 39Page - Texas Instruments TLC32046MFKB Datasheet HTML 40Page - Texas Instruments TLC32046MFKB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
3–7
3.5.3
Serial Port – AIC Output Signals, CL = 30 pF for SHIFT CLK Output, CL = 15 pF
For All Other Outputs, TLC32046C and TLC32046I
PARAMETER
MIN
TYP†
MAX
UNIT
tc(SCLK)
Shift clock (SCLK) cycle time
380
ns
tf(SCLK)
Shift clock (SCLK) fall time
3
8
ns
tr(SCLK)
Shift clock (SCLK) rise time
3
8
ns
Shift clock (SCLK) duty cycle
45%
55%
td(CH-FL)
Delay from SCLK
↑ to FSR/FSX/FSD↓
30
ns
td(CH-FH)
Delay from SCLK
↑ to FSR/FSX/FSD↑
35
90
ns
td(CH-DR)
DR valid after SCLK
↑
90
ns
td(CH-EL)
Delay from SCLK
↑ to EODX/EODR↓ in word mode
90
ns
td(CH-EH)
Delay from SCLK
↑ to EODX/EODR↑ in word mode
90
ns
tf(EODX)
EODX fall time
2
8
ns
tf(EODR)
EODR fall time
2
8
ns
td(CH-EL)
Delay from SCLK
↑ to EODX/EODR↓ in byte mode
90
ns
td(CH-EH)
Delay from SCLK
↑ to EODX/EODR↑ in byte mode
90
ns
td(MH-SL)
Delay from MSTR CLK
↑ to SCLK↓
65
170
ns
td(MH-SH)
Delay from MSTR CLK
↑ to SCLK↑
65
170
ns
† Typical values are at TA = 25°C.
3.5.4
Serial Port – AIC Output Signals, CL = 30 pF for SHIFT CLK Output, CL = 15 pF
For All Other Outputs, TLC32046M
PARAMETER
MIN
TYP†
MAX
UNIT
tc(SCLK)
Shift clock (SCLK) cycle time
400
ns
tf(SCLK)
Shift clock (SCLK) fall time
3
ns
tr(SCLK)
Shift clock (SCLK) rise time
3
ns
Shift clock (SCLK) duty cycle
45%
55%
td(CH-FL)
Delay from SCLK
↑ to FSR/FSX/FSD↓
30
250
ns
td(CH-FH)
Delay from SCLK
↑ to FSR/FSX/FSD↑
35
250
ns
td(CH-DR)
DR valid after SCLK
↑
250
ns
td(CH-EL)
Delay from SCLK
↑ to EODX/EODR↓ in word mode
250
ns
td(CH-EH)
Delay from SCLK
↑ to EODX/EODR↑ in word mode
250
ns
tf(EODX)
EODX fall time
2
ns
tf(EODR)
EODR fall time
2
ns
td(CH-EL)
Delay from SCLK
↑ to EODX/EODR↓ in byte mode
250
ns
td(CH-EH)
Delay from SCLK
↑ to EODX/EODR↑ in byte mode
250
ns
td(MH-SL)
Delay from MSTR CLK
↑ to SCLK↓
65
170
ns
td(MH-SH)
Delay from MSTR CLK
↑ to SCLK↑
65
170
ns
† Typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com