Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 30 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 26Page - Texas Instruments TLC32046MFKB Datasheet HTML 27Page - Texas Instruments TLC32046MFKB Datasheet HTML 28Page - Texas Instruments TLC32046MFKB Datasheet HTML 29Page - Texas Instruments TLC32046MFKB Datasheet HTML 30Page - Texas Instruments TLC32046MFKB Datasheet HTML 31Page - Texas Instruments TLC32046MFKB Datasheet HTML 32Page - Texas Instruments TLC32046MFKB Datasheet HTML 33Page - Texas Instruments TLC32046MFKB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
2–16
Table 2–6. (Sin x)/x Correction Table for fs = 8000 Hz and fs = 9600 Hz
ROLL-OFF ERROR (dB)
ROLL-OFF ERROR (dB)
f (Hz)
ROLL OFF ERROR (dB)
fs = 8000 Hz
ROLL OFF ERROR (dB)
fs = 9600 Hz
f (Hz)
s
p1 = – 0.14813
s
p1 = – 0.1307
p2 = 0.9888
p2 = 0.9951
300
– 0.099
– 0.043
600
– 0.089
– 0.043
900
– 0.054
0
1200
– 0.002
0
1500
0.041
0
1800
0.079
0.043
2100
0.100
0.043
2400
0.091
0.043
2700
– 0.043
0
3000
– 0.102
– 0.043
2.29 TMS320 Software Requirements
The digital correction filter equation can be written in state variable form as follows:
y(i+1) = y(i) ⋅ k1 + u(i+1) ⋅ k2
Where
k1 = p1
k2 = (1 – p1) p2
y(i) = filter state
u(i+1) = next I/O sample
The coefficients k1 and k2 must be represented as 16-bit integers. The SACH instruction (with the proper
shift) yields the correct result. With the assumption that the TMS320 processor page pointer and memory
configuration are properly initialized, the equation can be executed in seven instructions or seven cycles
with the following program:
ZAC
LT K2
MPY U
LTA K1
MPY Y
APAC
SACH (dma), (shift)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com