Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC32046MFKB Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC32046MFKB
Description  Wide-Band Analog Interface Circuit
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32046MFKB Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC32046MFKB Datasheet HTML 7Page - Texas Instruments TLC32046MFKB Datasheet HTML 8Page - Texas Instruments TLC32046MFKB Datasheet HTML 9Page - Texas Instruments TLC32046MFKB Datasheet HTML 10Page - Texas Instruments TLC32046MFKB Datasheet HTML 11Page - Texas Instruments TLC32046MFKB Datasheet HTML 12Page - Texas Instruments TLC32046MFKB Datasheet HTML 13Page - Texas Instruments TLC32046MFKB Datasheet HTML 14Page - Texas Instruments TLC32046MFKB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
1–5
TLC32046
Logic Levels
TTL or CMOS
TMS320C30,
or Equivalent
16-Bit DSP
TMS320C25,
TMS32020,
– 5 V
5 V
EODR
Serial Data Out
DR
Serial Data In
DX
CONTROL
Analog Out
Analog In
OUT –
OUT +
IN –
IN +
FSR
FSX
VCC –
VCC +
EODX
(– 5 V nom)
(5 V nom)
WORD-BYTE
VCC –
VCC+
26
25
22
21
1
20
19
5
4
3
12
14
11
13
Figure 1–2. Word Mode
TLC32046
– 5 V
5 V
EODR
Serial Data Out
DR
Serial Data In
DX
CONTROL
Analog Out
Analog In
OUT–
OUT+
IN –
IN +
FSR
FSX
VCC –
VCC +
EODX
(– 5 V nom)
(– 5 V nom)
WORD-BYTE
TMS320C17 or
Equivalent
8-Bit Serial Interface
(2 bytes required)
Logic Levels
TTL or CMOS
VCC –
VCC –
26
25
22
21
1
20
19
5
4
3
12
14
11
13
Figure 1–3. Byte Mode
The word or byte mode is selected by first connecting the DATA-DR/CONTROL input to VCC–.
FSD/WORD-BYTE becomes an input and can then be used to select either word or byte transmission
formats. The end-of-data transmit (EODX) and the end-of-data receive (EODR) signals respectively, are
used to signal the end of word or byte communication (see the Terminal Functions section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com